Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1642A Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1642A
Description  Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1642A Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1642A Datasheet HTML 5Page - Linear Technology LTC1642A Datasheet HTML 6Page - Linear Technology LTC1642A Datasheet HTML 7Page - Linear Technology LTC1642A Datasheet HTML 8Page - Linear Technology LTC1642A Datasheet HTML 9Page - Linear Technology LTC1642A Datasheet HTML 10Page - Linear Technology LTC1642A Datasheet HTML 11Page - Linear Technology LTC1642A Datasheet HTML 12Page - Linear Technology LTC1642A Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LTC1642A
1642af
APPLICATIO S I FOR ATIO
Hot Circuit Insertion
When a circuit board is inserted into a live backplane its
supply bypass capacitors can draw large currents from the
backplane power bus as they charge. These currents can
permanently damage connector pins and can glitch the
backplane supply, resetting other boards in the system.
The LTC1642A limits the charging currents drawn by a
board’s capacitors, allowing safe insertion into a live
backplane.
In the circuit shown in Figure 1 the LTC1642A and the
external NMOS pass transistor Q1 work together to limit
charging currents. Waveforms at board insertion are
shown in Figure 2. When power is first applied to VCC the
chip holds Q1’s gate at ground. After an adjustable delay
a 25
µA current source begins to charge the external
capacitor C2, so choose C2 to limit the inrush current
IINRUSH charging the board’s bypass capacitance CLOAD
according to the equation:
C2
C
25 A
I
LOAD
INRUSH
=
µ
An internal charge pump supplies the 25
µA gate current,
ensuring sufficient gate drive to Q1. At 3V VCC the minimum
gate drive is 4.5V; at 5V VCC the minimum is 10V; at 15V VCC
the minimum is again 6.5V, due to an internal zener clamp
from the GATE pin to ground. Resistor R3 limits this zener’s
transient current during board insertion and removal and
protects against high frequency oscillations in Q1. D1
provides additional protection against supply spikes.
The delay before the GATE pin voltage begins ramping is
determined by the system timer. It comprises an external
capacitor C1 from the RST TMR pin to ground; an internal
2
µAcurrentsourcefeedingRSTTMRfromVCC;aninternal
comparator, with the noninverting input tied to RST TMR
and the inverting input tied to the 1.22V reference; and an
internal NMOS pull-down. In standby, the NMOS holds
RST TMR at ground. When the timer starts the NMOS
turns off and the RST TMR voltage ramps up as the current
source charges the capacitor. When RST TMR reaches
1.22V the timer comparator trips, the GATE voltage begins
ramping up and RST TMR returns to ground. The timer
delay is:
tRSTTMR = (615ms/µF) C1.
The second RST TMR cycle indicates that VOUT is within
tolerance; it is discussed in the Undervoltage Monitor
section.
Figure 1. Supply Control Circuitry
Powering-Up in Current Limit
Ramping the GATE pin voltage limits the current to I =
25
µA • CLOAD/C2, where C2 is the external capacitor
connected to the GATE and CLOAD is the load capacitance.
If the value of CLOAD is uncertain, then a worst-case design
can often result in needlessly long ramp times, and it may
be better to limit the charging current by powering up in
current limit.
Current Limiting and Solid-State Circuit Breaker
The current can be limited by connecting a sense resistor
between the LTC1642A’s VCC and SENSE pins. When the
voltage drop across this resistor reaches a limiting value,
Figure 2. Timing at Board Insertion
100ms/DIV
1642a F02
OV
10V/DIV
RST TMR
2V/DIV
GATE
20V/DIV
VOUT
20V/DIV
GATE
ON
14
SENSE
15
FAULT
6
4
BRK TMR
2
VCC
16
R2
0.010
Q1
FDS6630A
GND
LTC1642A
8
RST TMR
3
1642a F01
R3
100
R4
330
D1
1N4705
18V
C2
0.047
µF
CLOAD
+
C1
0.33
µF
C4
0.33
µF
ALL RESISTORS
±5% UNLESS NOTED
RESET DELAY = 200ms
SHORT-CIRCUIT DURATION = 10ms
VIN
12V
2.5A
VOUT
R7
24k
R10
30k


Similar Part No. - LTC1642A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LTC1642ACGN LINER-LTC1642ACGN Datasheet
231Kb / 16P
   Hot Swap Controller
LTC1642AIGN LINER-LTC1642AIGN Datasheet
231Kb / 16P
   Hot Swap Controller
More results

Similar Description - LTC1642A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
LTC1421 LINER-LTC1421 Datasheet
464Kb / 24P
   Hot Swap Controller
LTC4218 LINER-LTC4218 Datasheet
192Kb / 16P
   Hot Swap Controller
LTC1642A LINER-LTC1642A Datasheet
231Kb / 16P
   Hot Swap Controller
LTC4211 LINER-LTC4211_12 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC1422 LINER-LTC1422 Datasheet
273Kb / 16P
   Hot Swap Controller
logo
Summit Microelectronics...
SMH4042 SUMMIT-SMH4042 Datasheet
225Kb / 28P
   Hot Swap??Controller
logo
Linear Technology
LTC1422 LINER-LTC1422_15 Datasheet
203Kb / 16P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com