Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1473L Datasheet(PDF) 3 Page - Linear Technology

Part # LTC1473L
Description  Dual Low Voltage PowerPath Switch Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473L Datasheet(HTML) 3 Page - Linear Technology

  LTC1473L Datasheet HTML 1Page - Linear Technology LTC1473L Datasheet HTML 2Page - Linear Technology LTC1473L Datasheet HTML 3Page - Linear Technology LTC1473L Datasheet HTML 4Page - Linear Technology LTC1473L Datasheet HTML 5Page - Linear Technology LTC1473L Datasheet HTML 6Page - Linear Technology LTC1473L Datasheet HTML 7Page - Linear Technology LTC1473L Datasheet HTML 8Page - Linear Technology LTC1473L Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC1473L
3
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD)(150°C/W)
Note 3: Some tests are performed under more stringent conditions to
ensure reliable operation over the entire supply voltage range.
ELECTRICAL CHARACTERISTICS
Note 4: Digital inputs include: IN1, IN2 and DIODE.
Note 5: IS increases by the same amount as IBSENSE
+ + IBSENSE– when
their common mode falls below 5V.
Note 6: Gate turn-on and turn-off times are measured with no inrush
current limiting, i.e., VSENSE = 0V. Gate rise times are measured from 1V to
4.5V and fall times are measured from 4.5V to 1V. Delay times are
measured from the input transition to when the gate voltage has risen or
fallen to 3V. Results are not tested, but guaranteed by design.
DC Supply Current
vs Supply Voltage
VGS Gate-to-Source ON Voltage
vs Temperature
DC Supply Current vs VSENSE
VSENSE COMMON MODE (V)
0
1473 G03
567
10
1234
89
400
350
300
250
200
150
100
50
0
V+ = 5V
VDIODE = VIN1 = 5V
VIN2 = 0V
VSENSE
+ – V
SENSE
= 0V
VGS Gate Supply Voltage
vs Temperature
TEMPERATURE (
°C)
– 60 – 40 –20
20406080
0
5.1
5.2
5.4
5.5
5.6
6.0
1473 G04
5.3
100
5.7
5.8
5.9
V+ = VSAB = 10V
SUPPLY VOLTAGE (V)
0
50
150
10
1473 G01
0
2
456789
13
250
100
200
VDIODE = VIN1 = 5V
VIN2 = 0V
VDIODE = 5V
VIN1 = VIN2 = 0V
VSENSE+ = VSENSE– = V
+
TEMPERATURE (
°C)
–40
–60
8.1
8.2
8.4
8.5
8.6
0
9.0
1473 G06
8.3
– 20
20406080
100
8.7
8.8
8.9
V+ = 5V
VGS = VGG – V
+
DC Supply Current
vs Temperature
Undervoltage Lockout Threshold (V+)
vs Temperature
TEMPERATURE (
°C)
–50
50
60
80
90
100
0
140
1473 G02
70
– 25
25
50
75
100
110
120
130
V+ = 5V
VDIODE = VIN1 = 5V
VIN2 = 0V
TEMPERATURE (
°C)
–60
2.25
2.30
2.40
2.45
2.50
2.75
2.60
–20
20
40
1473 G05
2.35
2.65
2.70
2.55
–40
0
60
80
100
START-UP
THRESHOLD
SHUTDOWN
THRESHOLD
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC1473L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1473L LINER-LTC1473L Datasheet
211Kb / 16P
   Dual Low Voltage PowerPathTM Switch Driver
LTC1473LCGN LINER-LTC1473LCGN Datasheet
211Kb / 16P
   Dual Low Voltage PowerPathTM Switch Driver
More results

Similar Description - LTC1473L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1473 LINER-LTC1473_15 Datasheet
210Kb / 16P
   Dual PowerPath Switch Driver
LTC1473L LINER-LTC1473L Datasheet
211Kb / 16P
   Dual Low Voltage PowerPathTM Switch Driver
LTC4418 LINER-LTC4418 Datasheet
1Mb / 30P
   Dual Channel Prioritized PowerPath Controller
LTC4416EMS LINER-LTC4416EMS Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC4416 LINER-LTC4416 Datasheet
209Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
logo
STMicroelectronics
STG3482 STMICROELECTRONICS-STG3482 Datasheet
216Kb / 14P
   Low voltage dual SP4T switch
logo
Linear Technology
LTC4416-1 LINER-LTC4416-1_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
   PowerPath Controller for Dual Battery Systems
LTC4416 LINER-LTC4416_15 Datasheet
256Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
logo
Sanyo Semicon Device
LB8620M SANYO-LB8620M Datasheet
92Kb / 5P
   Low-voltage, Low-saturation, Dual-Motor Driver?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com