Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1473 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC1473
Description  Dual PowerPath Switch Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473 Datasheet(HTML) 5 Page - Linear Technology

  LTC1473 Datasheet HTML 1Page - Linear Technology LTC1473 Datasheet HTML 2Page - Linear Technology LTC1473 Datasheet HTML 3Page - Linear Technology LTC1473 Datasheet HTML 4Page - Linear Technology LTC1473 Datasheet HTML 5Page - Linear Technology LTC1473 Datasheet HTML 6Page - Linear Technology LTC1473 Datasheet HTML 7Page - Linear Technology LTC1473 Datasheet HTML 8Page - Linear Technology LTC1473 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC1473
PIN FUNCTIONS
IN1 (Pin 1): Logic Input of Gate Drivers GA1 and GB1. IN1
is disabled when IN2 is high or DIODE is low.
IN2 (Pin 2): Logic Input of Gate Drivers GA2 and GB2. IN2
is disabled when IN1 is high or DIODE is low.
DIODE (Pin 3): “2-Diode Mode” Logic Input. DIODE over-
rides IN1 and IN2 by forcing the two back-to-back
external N-channel MOSFET switches to mimic two
diodes.
TIMER (Pin 4): Fault Timer. A capacitor connected from
this pin to GND programs the time the MOSFET switches
are allowed to be in current limit. To disable this function,
Pin 4 can be grounded.
V+ (Pin 5): Input Supply. Bypass this pin with at least a 1
µF
capacitor.
VGG (Pin 6): Gate Driver Supply. This high voltage supply
is intended only for driving the internal micropower gate
drive circuitry.
Do not load this pin with any external
circuitry. Bypass this pin with at least 1
µF.
SW (Pin 7): Open Drain of an internal N-Channel MOSFET
Switch. This pin drives the bottom of the VGG switching
regulator inductor which is connected between this pin
and the V+ pin.
GND (Pin 8): Ground.
GA2, GB2 (Pins 11, 9): Switch Gate Drivers. GA2 and GB2
drive the gates of the second back-to-back external
N-channel switches.
SAB2 (Pin 10): Source Return. The SAB2 pin is connected
to the sources of SW A2 and SW B2. A small pull-down
current source returns this node to 0V when the switches
are turned off.
SENSE (Pin 12): Inrush Current Input. This pin should be
connected directly to the bottom (output side) of the low
value current sense resistor in series with the two input
power selector switch pairs, SW A1/B1 and SW A2/B2, for
detecting and controlling the inrush current into and out of
the power supply sources and the output capacitor.
SENSE + (Pin 13): Inrush Current Input. This pin should be
connected directly to the top (switch side) of the low value
current sense resistor in series with the two input power
selector switch pairs, SW A1/B1 and SW A2/B2, for
detecting and controlling the inrush current into and out of
the power supply sources and the output capacitor. Cur-
rent limit is invoked when (VSENSE+ – VSENSE–) exceeds
±0.2V.
GA1, GB1 (Pins 16, 14): Switch Gate Drivers. GA1 and
GB1 drive the gates of the first back-to-back external
N-channel switches.
SAB1 (Pin 15): Source Return. The SAB1 pin is connected
to the sources of SW A1 and SW B1. A small pull-down
current source returns this node to 0V when the switches
are turned off.


Similar Part No. - LTC1473

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1473 LINER-LTC1473 Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
LTC1473 LINER-LTC1473 Datasheet
214Kb / 12P
   36V, Low Loss Dual PowerPath Controllers for Large PFETs
LTC1473CGN LINER-LTC1473CGN Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
LTC1473IGN LINER-LTC1473IGN Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
LTC1473L LINER-LTC1473L Datasheet
211Kb / 16P
   Dual Low Voltage PowerPathTM Switch Driver
More results

Similar Description - LTC1473

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1473L LINER-LTC1473L_15 Datasheet
170Kb / 16P
   Dual Low Voltage PowerPath Switch Driver
LTC4418 LINER-LTC4418 Datasheet
1Mb / 30P
   Dual Channel Prioritized PowerPath Controller
LTC1479 LINER-LTC1479_15 Datasheet
384Kb / 24P
   PowerPath Controller for Dual Battery Systems
logo
Linear Integrated Syste...
LTC4419CMSE LINEAR-LTC4419CMSE Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC4419 LINER-LTC4419 Datasheet
712Kb / 22P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Integrated Syste...
LTC4419IDD LINEAR-LTC4419IDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
LTC4419CDD LINEAR-LTC4419CDD Datasheet
739Kb / 20P
   18V Dual Input Micropower PowerPath Prioritizer
logo
Linear Technology
LTC1479 LINER-LTC1479 Datasheet
466Kb / 24P
   PowerPath Controller for Dual Battery Systems
LTC1473 LINER-LTC1473 Datasheet
216Kb / 16P
   Dual PowerPathTM Switch Driver
logo
STMicroelectronics
L295 STMICROELECTRONICS-L295 Datasheet
112Kb / 8P
   DUAL SWITCH-MODE SOLENOID DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com