Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1429 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1429
Description  Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1429 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1429 Datasheet HTML 4Page - Linear Technology LTC1429 Datasheet HTML 5Page - Linear Technology LTC1429 Datasheet HTML 6Page - Linear Technology LTC1429 Datasheet HTML 7Page - Linear Technology LTC1429 Datasheet HTML 8Page - Linear Technology LTC1429 Datasheet HTML 9Page - Linear Technology LTC1429 Datasheet HTML 10Page - Linear Technology LTC1429 Datasheet HTML 11Page - Linear Technology LTC1429 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1429
APPLICATIONS INFORMATION
tions can be obtained with larger filter capacitors or by
using an LC output filter or higher FSYNC clock rate with a
lower value (< 0.1
µF) of flying capacitor. Also see the
section on Output Capacitor ESR. For applications requir-
ing ripple below 1mV, see the LTC1550/LTC1551 data
sheet.
CAPACITOR SELECTION
Capacitor Sizing
The performance is dependent on the type of capacitors
used. The LTC1429 requires bypass caps to ground for
both the VCC and OUT pins. The input cap provides most
of the LTC1429’s supply current while it is charging the
flying caps. It should be mounted as close to the package
as possible, its value should be equal to or larger than the
flying cap in doubling mode and at least twice the value of
the flying caps in tripling mode. Ceramic capacitors
generally provide adequate performance; avoid using a
tantalum capacitor as the input bypass unless there is at
least a 0.1
µF ceramic cap in parallel with it. The charge
pump caps are somewhat less critical, since their peak
currents are limited by the switches inside the LTC1429.
Most applications should use 0.1
µF as the flying cap
value; conveniently, ceramic caps are the most common
type of 0.1
µF cap and they work well here. Usually the
easiest solution is to use the same type of capacitor for
both the input bypass and flying caps.
The output cap performs two functions; it provides output
current to the load during half of the charge pump cycle
and its value helps to set the output ripple voltage. For
applications that are insensitive to output ripple, the
output bypass cap can be as small as 1
µF. To achieve
specified low output ripple, a 3.3
µF or greater output
capacitor, high input clock rate (FSYNC) and lower value
(< 0.1
µF)offlyingcapacitorshouldbeused.Largeroutput
caps will reduce output ripple further, at the expense of
turn on time.
In an application where the maximum load current is well-
defined and output ripple is critical or input peak currents
need to be minimized, the flying capacitor values can be
tailored to the application. Reducing the value of the flying
capacitors reduces the amount of charge transferred with
each clock cycle. The smaller capacitors draw smaller
pulses of current out of VCC as well, limiting peak currents
and reducing the demands on the input supply. Tables 1
and 2 show recommended values of flying capacitors vs
maximum load capacity at FSYNC = 400kHz and 700kHz
respectively.
Table 1. Typical Max Load (mA) vs Flying Capacitor Value at
TA = 25°C, VOUT = – 4V, FSYNC = 400kHz
MAX LOAD (mA)
MAX LOAD (mA)
FLYING CAPACITOR
VCC = 5V
VCC = 3.3V
VALUE (
µF)
DOUBLER MODE
TRIPLER MODE
0.1
22
20
0.047
16
15
0.033
8
11
0.022
4
5
0.01
1
3
Table 2. Typical Max Load (mA) vs Flying Capacitor Value at
TA = 25°C, VOUT = –4V, FSYNC = 700kHz
MAX LOAD (mA)
MAX LOAD (mA)
FLYING CAPACITOR
VCC = 5V
VCC = 3.3V
VALUE (
µF)
DOUBLER MODE
TRIPLER MODE
0.1
18
25
0.047
17
22
0.033
14
20
0.022
12
17
0.01
3
9
Output Capacitor ESR
Output capacitor the Equivalent Series Resistance (ESR)
is another factor to consider. Excessive ESR in the output
capacitor can fool the regulation loop into keeping the
output artificially low by prematurely terminating the charg-
ing cycle. As the charge pump switches to recharge the
output, a brief surge of current flows from the flying caps
to the output cap. This current surge can be as high as
100mA under full load conditions. A typical 3.3
µFtantalum
capacitor has 1
Ω or 2Ω of ESR; 100mA × 2Ω = 200mV. If
the output is within 200mV of the set point, this additional
200mV surge will trip the feedback comparator and termi-
nate the charging cycle. The pulse dissipates quickly and
the comparator returns to the correct state, but the RS
latch will not allow the charge pump to respond until the
next clock edge. This prevents the charge pump from


Similar Part No. - LTC1429

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1429 LINER-LTC1429 Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1429CS LINER-LTC1429CS Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1429CS8-4 LINER-LTC1429CS8-4 Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
More results

Similar Description - LTC1429

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1429 LINER-LTC1429 Datasheet
275Kb / 12P
   Clock-Synchronized Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261 Datasheet
310Kb / 16P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L_15 Datasheet
2Mb / 14P
   Switched Capacitor Regulated Voltage Inverter
LTC1261 LINER-LTC1261_15 Datasheet
483Kb / 18P
   Switched Capacitor Regulated Voltage Inverter
LTC1261L LINER-LTC1261L Datasheet
182Kb / 12P
   Switched Capacitor Regulated Voltage Inverter
logo
Texas Instruments
LM27761 TI1-LM27761_16 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Noise Regulated Switched-Capacitor Voltage Inverter
LM2687LDX TI1-LM2687LDX Datasheet
333Kb / 12P
[Old version datasheet]   Low Noise Regulated Switched Capacitor Voltage Inverter
LM27761 TI-LM27761_15 Datasheet
160Kb / 9P
[Old version datasheet]   LM27761 Low-Noise Regulated Switched-Capacitor Voltage Inverter
logo
Global Mixed-mode Techn...
G5931 GMT-G5931_15 Datasheet
63Kb / 1P
   Switched Capacitor Voltage Inverter
logo
Analog Devices
ADP3605ARZ AD-ADP3605ARZ Datasheet
233Kb / 12P
   120 mA Switched Capacitor Voltage Inverter with Regulated Output
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com