Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1640AL Datasheet(PDF) 9 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1640AL Datasheet HTML 5Page - Linear Technology LT1640AL Datasheet HTML 6Page - Linear Technology LT1640AL Datasheet HTML 7Page - Linear Technology LT1640AL Datasheet HTML 8Page - Linear Technology LT1640AL Datasheet HTML 9Page - Linear Technology LT1640AL Datasheet HTML 10Page - Linear Technology LT1640AL Datasheet HTML 11Page - Linear Technology LT1640AL Datasheet HTML 12Page - Linear Technology LT1640AL Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
LT1640AL/LT1640AH
VEE
VDD
LT1640AL
PWRGD
SENSE
C1
150nF
25V
CL
100
µF
100V
Q1
IRF530
R2
10
5%
R3
18k
5%
C2
3.3nF
100V
R4
562k
1%
R5
9.09k
1%
R6
10k
1%
R1
0.02
5%
4
3
2
OV = 71V
GND
– 48V
UV = 37V
OV
UV
5
C3
6
8
1
GATE
DRAIN
1640A F08
+
7
GND
(SHORT PIN)
*
* DIODES INC. SMAT70A
R7
4
3
2
1
Figure 8. Extending the Short-Circuit Protection Delay
Figure 7. Short-Circuit Protection Waveforms
1640A F07
Electronic Circuit Breaker
The LT1640A features an electronic circuit breaker func-
tion that protects against short circuits or excessive sup-
ply currents. By placing a sense resistor between the VEE
and SENSE pin, the circuit breaker will be tripped when-
ever the voltage across the sense resistor is greater than
50mV for more than 3
µs as shown in Figure 7.
Note that the circuit breaker threshold should be set
sufficiently high to account for the sum of the load current
and the inrush current. If the load current can be controlled
by the PWRGD/PWRGD pin (as in Figure 6a), the threshold
can be set lower, since it will never need to accommodate
inrush current and load current simultaneously.
When the circuit breaker trips, the GATE pin is immediately
pulled to VEE and the external N-channel turns off. The
GATE pin will remain low until the circuit breaker is reset
by pulling UV low, then high or cycling power to the part.
If more than 3
µs deglitching time is needed to reject
current noise, an external resistor and capacitor can be
added to the sense circuit as shown in Figure 8. R7 and C3
act as a lowpass filter that will slow down the SENSE pin
voltage from rising too fast. Since the SENSE pin will
source current, typically 20
µA, there will be a voltage drop
on R7. This voltage will be counted into the circuit breaker
trip voltage just as the voltage across the sense resistor.
A small resistor is recommended for R7. A 100
Ω for R7
will cause a 2mV error. The following equation can be used
to estimate the delay time at the SENSE pin:
tR C In
Vt
Vt
VV t
O
iO
=


–• •
() – ( )
–( )
1
Where V(t) is the circuit breaker trip voltage, typically
50mV. V(tO) is the voltage drop across the sense resistor
before the short or overcurrent condition occurs. Vi is the
voltage across the sense resistor when the short current
or overcurrent is applied on it.
Example: A system has a 1A current load and a 0.02
sense resistor is used. An extended delay circuit needs to
be designed for a 50
µs delay time after the load jumps to
5A. In this case:
V(t) = 50mV
V(tO) = 20mV
Vi = 5A • 0.02Ω = 100mV
If we choose R = 100
Ω, we will get C = 1µF.
APPLICATIO S I FOR ATIO


Similar Part No. - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
322Kb / 40P
   Hot Swap Controller
LT1640AL LINER-LT1640AL Datasheet
319Kb / 36P
   Negative Voltage Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
310Kb / 34P
   ??8V Hot Swap Controllers
LT1640AL LINER-LT1640AL Datasheet
213Kb / 24P
   Negative Voltage Hot Swap Controllers in SOT-23
More results

Similar Description - LT1640AL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com