Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1640AL Datasheet(PDF) 7 Page - Linear Technology

Part # LT1640AL
Description  Negative Voltage Hot Swap Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1640AL Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1640AL_15 Datasheet HTML 3Page - Linear Technology LT1640AL_15 Datasheet HTML 4Page - Linear Technology LT1640AL_15 Datasheet HTML 5Page - Linear Technology LT1640AL_15 Datasheet HTML 6Page - Linear Technology LT1640AL_15 Datasheet HTML 7Page - Linear Technology LT1640AL_15 Datasheet HTML 8Page - Linear Technology LT1640AL_15 Datasheet HTML 9Page - Linear Technology LT1640AL_15 Datasheet HTML 10Page - Linear Technology LT1640AL_15 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1640AL/LT1640AH
Hot Circuit Insertion
When circuit boards are inserted into a live – 48V backplane,
the bypass capacitors at the input of the board’s power
module or switching power supply can draw huge tran-
sient currents as they charge up. The transient currents
can cause permanent damage to the board’s components
and cause glitches on the system power supply.
The LT1640A is designed to turn on a board’s supply
voltage in a controlled manner, allowing the board to be
safely inserted or removed from a live backplane. The chip
also provides undervoltage, overvoltage and overcurrent
protection while keeping the power module off until its
input voltage is stable and within tolerance.
+
VEE
VDD
LT1640AH
PWRGD
UV = 37V
OV = 71V
SENSE
C1
150nF
25V
C3
0.1
µF
100V
C4
100
µF
100V
C5
100
µF
16V
Q1
IRF530
R2
10
5%
R3
18k
5%
C2
3.3nF
100V
R4
562k
1%
R5
9.09k
1%
R6
10k
1%
R1
0.02
5%
4
3
2
OV
GND
GND
– 48V
UV
56
8
7
1
GATE
DRAIN
VICOR
VI-J3D-CY
VOUT
+
VOUT
VIN
+
5V
1640A F06a
GATE IN
VIN
+
(SHORT PIN)
*
* DIODES INC. SMAT70A
4
3
2
1
Power Supply Ramping
The input to the power module on a board is controlled by
placing an external N-channel pass transistor (Q1) in the
power path (Figure 6a, all waveforms are with respect to
the VEE pin of the LT1640A). R1 provides current fault
detection and R2 prevents high frequency oscillations.
Resistors R4, R5 and R6 provide undervoltage and over-
voltage sensing. By ramping the gate of Q1 up at a slow
rate, the surge current charging load capacitors C3 and C4
can be limited to a safe value when the board makes
connection.
Resistor R3 and capacitor C2 act as a feedback network to
accurately control the inrush current. The inrush current
can be calculated with the following equation:
IINRUSH = (45µA • CL)/C2
where CL is the total load capacitance equal to C3 + C4 +
module input capacitance.
Figure 6a. Inrush Control Circuitry
APPLICATIO S I FOR ATIO


Similar Part No. - LT1640AL_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1640ALCN8 LINER-LT1640ALCN8 Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640ALCS8 LINER-LT1640ALCS8 Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640ALIN8 LINER-LT1640ALIN8 Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640ALIS8 LINER-LT1640ALIS8 Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
More results

Similar Description - LT1640AL_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5068 TI1-LM5068_14 Datasheet
1Mb / 30P
[Old version datasheet]   Negative Voltage Hot Swap Controller
logo
Linear Technology
LT1640AL LINER-LT1640AL Datasheet
320Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640H LINER-LT1640H_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4250 SEMTECH-SC4250 Datasheet
260Kb / 12P
   Negative Voltage Hot Swap Controller
logo
National Semiconductor ...
LM5068 NSC-LM5068 Datasheet
42Kb / 1P
   NEGATIVE VOLTAGE HOT SWAP CONTROLLER
logo
Linear Technology
LT1640L LINER-LT1640L_1 Datasheet
192Kb / 16P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L Datasheet
292Kb / 12P
   Negative Voltage Hot Swap Controller
LT1640L LINER-LT1640L_15 Datasheet
198Kb / 16P
   Negative Voltage Hot Swap Controller
logo
Semtech Corporation
SC4150 SEMTECH-SC4150 Datasheet
352Kb / 12P
   Negative Voltage Hot Swap Controller
SC4250 SEMTECH-SC4250_05 Datasheet
251Kb / 12P
   Negative Voltage Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com