Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LEM2520T120J Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # LEM2520T120J
Description  Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LEM2520T120J Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  LEM2520T120J Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T120J
Features
Item Summary
12μH(±5%), 150mA, 1008
Lifecycle Stage
Standard packaging quantity (minimum)
Taping 2000pcs
Products characteristics table
CaseSize (EIA/JIS)
1008/2520
Inductance
12μH(±5%)
Inductance Measuring Frequency
2.52MHz
Rated Current
150mA
DC Resistance (max)
3.8Ω
Temperature Range
-40 to +85 ℃
Self-resonant Frequency (min)
23MHz
Q (min)
25min
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow/Wave
External Dimensions
L
2.5mm ±0.2
W
2mm ±0.2
H
1.8mm ±0.2
e
0.45mm 0.45
2015.06.09
1 / 1


Similar Part No. - LEM2520T120J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LEM2520T100J TAIYO-YUDEN-LEM2520T100J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T101J TAIYO-YUDEN-LEM2520T101J Datasheet
627Kb / 12P
   WIRE-WOUND CHIP INDUCTORS FOR SIGNAL LINES (LB SERIES M TYPE)
LEM2520T150J TAIYO-YUDEN-LEM2520T150J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T180J TAIYO-YUDEN-LEM2520T180J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T1R0J TAIYO-YUDEN-LEM2520T1R0J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
More results

Similar Description - LEM2520T120J

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
LEM2520TR27K TAIYO-YUDEN-LEM2520TR27K Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520TR56K TAIYO-YUDEN-LEM2520TR56K Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T1R2J TAIYO-YUDEN-LEM2520T1R2J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T1R8J TAIYO-YUDEN-LEM2520T1R8J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T3R9J TAIYO-YUDEN-LEM2520T3R9J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T270J TAIYO-YUDEN-LEM2520T270J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T4R7J TAIYO-YUDEN-LEM2520T4R7J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T680J TAIYO-YUDEN-LEM2520T680J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520T820J TAIYO-YUDEN-LEM2520T820J Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
LEM2520TR18K TAIYO-YUDEN-LEM2520TR18K Datasheet
138Kb / 1P
   Wire-wound Chip Inductors for Signal Lines (LB series M type / LE series M type)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com