Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1249 Datasheet(PDF) 6 Page - Linear Technology

Part # LT1249
Description  Power Factor Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1249 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT1249 Datasheet HTML 2Page - Linear Technology LT1249 Datasheet HTML 3Page - Linear Technology LT1249 Datasheet HTML 4Page - Linear Technology LT1249 Datasheet HTML 5Page - Linear Technology LT1249 Datasheet HTML 6Page - Linear Technology LT1249 Datasheet HTML 7Page - Linear Technology LT1249 Datasheet HTML 8Page - Linear Technology LT1249 Datasheet HTML 9Page - Linear Technology LT1249 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LT1249
PIN FUNCTIONS
VSENSE (Pin 6): This is the inverting input to the voltage
amplifier.
VCC (Pin 7): This is the supply of the chip. The LT1249 has
a very fast gate driver required to fast charge high power
MOSFET gate capacitance. High current spikes occur
during charging. For good supply bypass, a 0.1
µF ceramic
capacitor in parallel with a low ESR electrolytic capacitor,
56
µF or higher is required in close proximity to IC GND.
GTDR (Pin 8): The MOSFET gate driver is a 1.5A fast totem
pole output. It is clamped at 15V. Capacitive loads like
MOSFET gates may cause overshoot. A gate series resis-
tor of at least 5
Ω will prevent the overshoot.
APPLICATIONS INFORMATION
Error Amplifier
The error amplifier has a 100dB DC gain and 1.5MHz unity-
gain frequency. It is internally clamped at 12V. The nonin-
verting input is tied to the 7.5V reference.
Current Amplifier
The multiplier output current IM flows out of the MOUT pin
through the 4k resistor RMOUT and develops the reference
signal to the current loop that is controlled by the current
amplifier. Current gain is the ratio of RMOUT to line current
sense resistor. The current amplifier is a transconductance
amplifier. Typical gm is 320µmho and gain is 60dB with no
load. The inverting input is internally tied to GND. The
noninverting input is tied to the multiplier output. The
output is internally clamped at 8V. Output resistance is
about 4M; DC loading should be avoided because it will
lower the gain and introduce offset voltage at the inputs
which becomes a false reference signal to the current loop
and can distort line current. Note that in the current
averaging operation, high gain at twice the line frequency
is necessary to minimize line current distortion. Because
CAOUT may need to swing 5V over one line cycle at high line
condition, 11mV will be present at the inputs of the current
amplifier if gain is rolled off to 450 at 120Hz (1nF in series
with 10k at CAOUT). At light load, when (IM)(RMOUT) can be
less than 100mV, lower gain will distort the current loop
reference signal and line current. If signal gain at the
100kHz switching frequency is too high, the system
behaves more like a current mode system and can cause
subharmonic oscillation. Therefore, the current amplifier
should be compensated to have a gain of less than 15 at
100kHz and more than 300 at 120Hz.
Multiplier
The multiplier is a current multiplier with high noise
immunity in a high power switching environment. The
current gain is:
IM = (IAC)(IEA2)/(200µA)2, and
IEA = (VAOUT – 1.5V)/25k
With a square function, because of the lower gain at light
power load, system stability is maintained and line current
distortion caused by the AC ripple fed back to the error
amplifier is minimized. Note that switching ripple on the
high impedance lines could get into the multiplier from the
IAC pin and cause instability. The LT1249 provides an
internal 25k resistor in series with the low impedance
multiplier current input so that only a capacitor from the
IAC pin to GND is needed to filter out the noise. Maximum
multiplier output current is limited to 250
µA. Figure 1
shows the multiplier transfer curves.
Figure 1. Multiplier Current IM vs IAC and VAOUT
IAC (µA)
0
300
150
0
1249 G04
250
500
VAOUT = 6.5V
VAOUT = 6V
VAOUT = 5.5V
VAOUT = 5V
VAOUT = 4.5V
VAOUT = 4V
VAOUT = 3.5V
VAOUT = 3V
VAOUT = 2.5V
VAOUT = 2V


Similar Part No. - LT1249

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1249 LINER-LT1249 Datasheet
143Kb / 12P
   Power Factor Controller
LT1249 LINER-LT1249 Datasheet
193Kb / 12P
   Power Factor Controller
LT1249C LINER-LT1249C Datasheet
143Kb / 12P
   Power Factor Controller
LT1249CN8 LINER-LT1249CN8 Datasheet
143Kb / 12P
   Power Factor Controller
LT1249CN8 LINER-LT1249CN8 Datasheet
193Kb / 12P
   Power Factor Controller
More results

Similar Description - LT1249

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
7524-D08-T UTC-7524-D08-T Datasheet
117Kb / 5P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
MC33232 ONSEMI-MC33232_07 Datasheet
213Kb / 15P
   Power Factor Controller
January, 2007 ??Rev. 2
logo
New Japan Radio
NJM2375 NJRC-NJM2375 Datasheet
335Kb / 9P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_15 Datasheet
230Kb / 31P
   Power Factor Controller
March, 2015 ??Rev. 13
logo
Unisonic Technologies
UTCKA7524 UTC-UTCKA7524 Datasheet
66Kb / 4P
   POWER FACTOR CONTROLLER
logo
ON Semiconductor
NCP1650 ONSEMI-NCP1650_05 Datasheet
233Kb / 31P
   Power Factor Controller
October, 2005 ??Rev. 10
logo
Micro Linear Corporatio...
ML4812 MICRO-LINEAR-ML4812 Datasheet
215Kb / 16P
   Power Factor Controller
logo
List of Unclassifed Man...
SG3561A ETC-SG3561A Datasheet
1Mb / 19P
   POWER FACTOR CONTROLLER
logo
Fairchild Semiconductor
ML4812 FAIRCHILD-ML4812 Datasheet
348Kb / 16P
   Power Factor Controller
logo
E-Tech Electronics LTD
7524 ETL-7524 Datasheet
123Kb / 5P
   POWER FACTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com