Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1185 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1185
Description  Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1185 Datasheet(HTML) 1 Page - Linear Technology

  LT1185 Datasheet HTML 1Page - Linear Technology LT1185 Datasheet HTML 2Page - Linear Technology LT1185 Datasheet HTML 3Page - Linear Technology LT1185 Datasheet HTML 4Page - Linear Technology LT1185 Datasheet HTML 5Page - Linear Technology LT1185 Datasheet HTML 6Page - Linear Technology LT1185 Datasheet HTML 7Page - Linear Technology LT1185 Datasheet HTML 8Page - Linear Technology LT1185 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT1185
1185ff
Low Dropout Regulator
Low Resistance Pass Transistor: 0.25
Dropout Voltage: 0.75V at 3A
±1% Reference Voltage
Accurate Programmable Current Limit
Shutdown Capability
Internal Reference Available
Full Remote Sense
Low Quiescent Current: 2.5mA
Good High Frequency Ripple Rejection
Available in 5-Lead TO-220 and DD Packages
The LT1185 uses a saturation-limited NPN transistor as
the pass element. This device gives the linear dropout
characteristics of a FET pass element with significantly
less die area. High efficiency is maintained by using special
anti-saturation circuitry that adjusts base drive to track
load current. The “on resistance” is typically 0.25
Ω.
Accurate current limit is programmed with a single 1/8W
external resistor, with a range of zero to three amperes. A
second, fixed internal limit circuit prevents destructive
currents if the programming current is accidentally over-
ranged. Shutdown of the regulator output is guaranteed
when the program current is less than 1
µA, allowing
external logic control of output voltage.
The LT1185 has all the protection features of previous
LTC regulators, including power limiting and thermal
shutdown.
5V, 3A Regulator with 3.5A Current Limit
Dropout Voltage
+
2.37k
2.67k
2
µF
TANT
REF
GND
FB
VOUT
VIN
LT1185
2
µF
TANT
RLIM*
4.3k
+
VIN
6V TO 16V
VOUT
5V AT 3A
LT1185 • TA01
*CURRENT LIMIT = 15k/RLIM = 3.5A
+
+
LOAD CURRENT (A)
0
0.8
1.0
1.2
4
LT1185 • TA02
0.6
0.4
0
1
2
3
0.2
1.6
1.4
TJ = 125°C
TJ = –55°C
TJ = 25°C
The LT
®1185 is a 3A low dropout regulator with adjustable
current limit and remote sense capability. It can be used as
a positive output regulator with floating input or as a
standard negative regulator with grounded input. The
output voltage range is 2.5V to 25V, with
±1%accuracyon
the internal reference voltage.
FEATURES
DESCRIPTIO
TYPICAL APPLICATIO
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
179Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
264Kb / 28P
   Adjustable 3A Single Resistor Low Dropout Regulator
LT1185 LINER-LT1185 Datasheet
543Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator
LT1185 LINER-LT1185 Datasheet
370Kb / 28P
   1.5A Low Noise Fast Transient Response LDO Regulators
More results

Similar Description - LT1185

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LND-7800 LINER-LND-7800 Datasheet
19Kb / 1P
   LOW DROPOUT REGULATOR
logo
Austin Semiconductor
AS1185 AUSTIN-AS1185 Datasheet
487Kb / 7P
   Low Dropout Regulator
logo
Wing Shing Computer Com...
LM2931-5.0 WINGS-LM2931-5.0 Datasheet
359Kb / 6P
   Low Dropout Regulator
logo
Texas Instruments
TPS7A6533-Q1 TI1-TPS7A6533-Q1_16 Datasheet
434Kb / 19P
[Old version datasheet]   Low-Dropout Regulator
logo
Unisonic Technologies
LR3965A UTC-LR3965A Datasheet
280Kb / 4P
   LOW DROPOUT REGULATOR
logo
TOKO, Inc
TK712XX TOKO-TK712XX Datasheet
97Kb / 18P
   LOW DROPOUT REGULATOR
TK713XX TOKO-TK713XX Datasheet
104Kb / 22P
   LOW DROPOUT REGULATOR
logo
Linear Technology
LT1185 LINER-LT1185 Datasheet
211Kb / 16P
   Low Dropout Regulator
LT1185 LINER-LT1185_06 Datasheet
179Kb / 16P
   Low Dropout Regulator
logo
List of Unclassifed Man...
EC1086 ETC-EC1086 Datasheet
508Kb / 14P
   Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com