Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1140A Datasheet(PDF) 3 Page - Linear Technology

Part # LT1140A
Description  Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1140A Datasheet(HTML) 3 Page - Linear Technology

  LT1140A_15 Datasheet HTML 1Page - Linear Technology LT1140A_15 Datasheet HTML 2Page - Linear Technology LT1140A_15 Datasheet HTML 3Page - Linear Technology LT1140A_15 Datasheet HTML 4Page - Linear Technology LT1140A_15 Datasheet HTML 5Page - Linear Technology LT1140A_15 Datasheet HTML 6Page - Linear Technology LT1140A_15 Datasheet HTML 7Page - Linear Technology LT1140A_15 Datasheet HTML 8Page - Linear Technology LT1140A_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
LT1130A/LT1140A Series
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
5-DRIVER/3-RECEIVER
WITHOUT CHARGE PUMP
4-DRIVER/4-RECEIVER
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
ORDER PART
NUMBER
3-DRIVER/5-RECEIVER
TJMAX = 150°C, θJA = 58°C/W (N)
TJMAX = 150°C, θJA = 80°C/W (SW)
TJMAX = 150°C, θJA = 58°C/W (N)
TJMAX = 150°C, θJA = 80°C/W (SW)
TJMAX = 150°C, θJA = 79°C/W (N)
TJMAX = 150°C, θJA = 85°C/W (SW)
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 68°C/W (SW)
TJMAX = 150°C, θJA = 96°C/W (G)
TJMAX = 150°C, θJA = 56°C/W (NW)
TJMAX = 150°C, θJA = 68°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
V
C2
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
LT1134A
V+
5V VCC
C1+
C1
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
GND
DRIVER DISABLE
SW PACKAGE
28-LEAD PLASTIC SO WIDE
NW PACKAGE
28-LEAD PDIP
LT1136A
V+
5V VCC
C1+
C1
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
ON/OFF
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
V
C2
C2+
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
LT1132A
V+
5V VCC
C1+
C1
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
RX IN
LT1132ACN
LT1132ACSW
LT1132AISW
TJMAX = 150°C, θJA = 58°C/W (N)
TJMAX = 150°C, θJA = 80°C/W (SW)
1
2
3
4
5
6
7
8
9
10
11
12
TOP VIEW
24
23
22
21
20
19
18
17
16
15
14
13
V
C2
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
24-LEAD PLASTIC SO WIDE
N PACKAGE
24-LEAD PDIP
LT1133A
V+
5V VCC
C1+
C1
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
LT1133ACN
LT1133ACSW
LT1133AISW
ORDER PART
NUMBER
5-DRIVER/3-RECEIVER
1
2
3
4
5
6
7
8
9
10
TOP VIEW
20
19
18
17
16
15
14
13
12
11
–12V V
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
DRIVER IN
RX OUT
DRIVER IN
RX OUT
GND
SW PACKAGE
20-LEAD PLASTIC SO WIDE
N PACKAGE
20-LEAD PDIP
12V V+
5V VCC
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
DRIVER OUT
RX IN
DRIVER OUT
RX IN
LT1135A
LT1134ACN
LT1134ACSW
LT1134AIN
LT1134AISW
LT1135ACN
LT1135ACSW
LT1137ACG
LT1137ACNW
LT1137ACSW
LT1137AIG
LT1137AINW
LT1137AISW
3-DRIVER/5-RECEIVER WITH SHUTDOWN
4-DRIVER/5-RECEIVER WITH SHUTDOWN
LT1136ACNW
LT1136ACSW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
TOP VIEW
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
C2
C2+
DRIVER IN
RX OUT
DRIVER IN
RX OUT
RX OUT
RX OUT
DRIVER IN
RX OUT
GND
DRIVER DISABLE
NC
SW PACKAGE
28-LEAD PLASTIC SO WIDE
NW PACKAGE
28-LEAD PDIP
LT1137A
V+
5V VCC
C1+
C1
DRIVER OUT
RX IN
DRIVER OUT
RX IN
RX IN
RX IN
DRIVER OUT
RX IN
ON/OFF
NC
G PACKAGE
28-LEAD PLASTIC SSOP


Similar Part No. - LT1140A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1140ACN LINER-LT1140ACN Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1140ACSW LINER-LT1140ACSW Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
More results

Similar Description - LT1140A_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1130A LINER-LT1130A Datasheet
199Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1130A LINER-LT1130A_15 Datasheet
210Kb / 12P
   Advanced Low Power 5V RS232 Drivers/Receivers with Small Capacitors
LT1537 LINER-LT1537 Datasheet
250Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LT1537 LINER-LT1537_15 Datasheet
230Kb / 8P
   Advanced Low Power 5V RS232 Transceiver with Small Capacitors
LTC1384 LINER-LTC1384 Datasheet
217Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384IG LINER-LTC1384IG Datasheet
115Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_1 Datasheet
120Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LTC1384 LINER-LTC1384_15 Datasheet
126Kb / 8P
   5V Low Power RS232 Transceiver with 2 Receivers Active in Shutdown
LT1080 LINER-LT1080_15 Datasheet
168Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
LT1080 LINER-LT1080 Datasheet
213Kb / 12P
   Advanced Low Power 5V RS232 Dual Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com