Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LRB715FT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LRB715FT1G
Description  Dual Series Schottky Barrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LRB715FT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LRB715FT1G_15 Datasheet HTML 1Page - Leshan Radio Company LRB715FT1G_15 Datasheet HTML 2Page - Leshan Radio Company LRB715FT1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
LRB715FT1G , S-LRB715FT1G
LESHAN RADIO COMPANY, LTD.
Fig. 1 Forward characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
pulse measurement
Typ.
FORWARD VOLTAGE : VF (V)
100
µ
10
µ
1
µ
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
=−25°C
0
5
101520253035
100
10
1
100n
10n
1n
REVERSE VOLTAGE : VR (V)
Fig. 2 Reverse characteristics
Ta
=125°C
Ta
=75°C
Ta
=25°C
Ta
=−25°C
0
5
10
15
20
25
0.1
1
10
100
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
0
0.1
0.2
0.5
1
2
5
10
4
8
12
16
20
24
28
FORWARD CURRENT : IF (mA)
Fig. 4 Reverse recovery time
characteristics
Electrical characteristic curves (Ta=25
°C)
Rev.O 2/3
µ
µ
µ


Similar Part No. - LRB715FT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
More results

Similar Description - LRB715FT1G_15

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
   SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
   Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
   Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
   Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
   Dual Series Schottky Barrier Diodes
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
   Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54SLT1 ONSEMI-BAT54SLT1 Datasheet
49Kb / 4P
   Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 9
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com