Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNTK3043PT5G Datasheet(PDF) 4 Page - Leshan Radio Company

Part # LNTK3043PT5G
Description  Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LNTK3043PT5G Datasheet(HTML) 4 Page - Leshan Radio Company

  LNTK3043PT5G_15 Datasheet HTML 1Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 2Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 3Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 4Page - Leshan Radio Company LNTK3043PT5G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
LESHAN RADIO COMPANY, LTD.
TYPICAL PERFORMANCE CURVES
Figure 7. Capacitance Variation
0.1
0
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Resistive Switching Time
Variation vs. Gate Resistance
VGS = 0 V
Figure 9. Diode Forward Voltage vs. Current
1.0
0.6
0.4
0.3
RG, GATE RESISTANCE (OHMS)
1
10
100
100
1
VDD = 5 V
ID = 10 mA
VGS = 4.5 V
tr
td(on)
1000
tf
td(off)
0.2
0.4
0.7
0.5
10
0.9
0.8
TJ = 125°C
TJ = 150°C
TJ = 25°C
TJ = −55°C
GATE−TO−SOURCE OR DRAIN−TO−SOURCE VOLTAGE (V)
0
5
10
15
20
25
10
5
0
5
10
15
20
TJ = 25°C
VGS = 0 V
VDS = 0 V
Ciss
Ciss
Crss
Crss
Coss
VDS
VGS
Rev .O 4/5
LNTK3043PT5G , S-LNTK3043PT5G


Similar Part No. - LNTK3043PT5G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LNTK3043PT5G LRC-LNTK3043PT5G Datasheet
235Kb / 5P
   20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
More results

Similar Description - LNTK3043PT5G_15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com