Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

UPD703014A Datasheet(PDF) 6 Page - NEC

Part No. UPD703014A
Description  V850/SA1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NEC [NEC]
Homepage  http://www.nec.com/
Logo 

UPD703014A Datasheet(HTML) 6 Page - NEC

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Data Sheet U14526EJ2V0DS00
6
µµµµPD703014A, 703014AY, 703015A, 703015AY, 703017A, 703017AY
INTERNAL BLOCK DIAGRAM
Notes 1.
µPD703014A, 703014AY: 64 KB
µPD703015A, 703015AY: 128 KB
µPD703017A, 703017AY: 256 KB
2.
µPD703014A, 703014AY, 703015A, 703015AY: 4 KB
µPD703017A, 703017AY: 8 KB
3. Applies to the
µPD703014AY, 703015AY, and 703017AY only.
NMI
TI00, TI01,
TI10, TI11
TO0, TO1
SIO
TI2/TO2
TI3/TO3
TI4/TO4
TI5/TO5
SO0
SI0/SDANote 3
SCK0/SCLNote 3
INTP0 to INTP6
INTC
CSI0/I2CNote 3
SO1/TXD0
SI1/RXD0
SCK1/ASCK0
CSI1/UART0
SO2
SI2
SCK2
CSI2
TXD1
RXD1
ASCK1
Note 1
PC
ALU
CPU
Mask
ROM
Note 2
RAM
HLDRQ (P96)
HLDAK (P95)
ASTB (P94)
DSTB/RD (P93)
R/W/WRH (P92)
UBEN (P91)
LBEN/WRL (P90)
WAIT
A1 to A12
A13 to A15 (P34 to P36)
A16 to A21 (P60 to P65)
AD0 to AD15
CG
(P40 to P47, P50 to P57)
(P100 to P107, P110 to P113)
CLKOUT
X1
X2
XT1 (P114)
XT2
RESET
VDD
VSS
BVDD
BVSS
IC
BCU
Timer/counters
16-bit timer:
TM0, TM1
8-bit timer:
TM2 to TM5
DMAC: 3 ch
Watch timer
Watchdog
timer
RTP
A/D
converter
UART1
32-bit
barrel shifter
System
registers
Multiplier
16 x 16
32
General registers
32 bits x 32
Instruction
queue
Port


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn