Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1591 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1591
Description  14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1591 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1591 Datasheet HTML 6Page - Linear Technology LTC1591 Datasheet HTML 7Page - Linear Technology LTC1591 Datasheet HTML 8Page - Linear Technology LTC1591 Datasheet HTML 9Page - Linear Technology LTC1591 Datasheet HTML 10Page - Linear Technology LTC1591 Datasheet HTML 11Page - Linear Technology LTC1591 Datasheet HTML 12Page - Linear Technology LTC1591 Datasheet HTML 13Page - Linear Technology LTC1591 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
10
LTC1591/LTC1597
15917fa
PIN FUNCTIONS
LTC1591
REF (Pin 1): Reference Input and 4-Quadrant Resistor R2.
Typically
±10V, accepts up to ±25V. In 2-Quadrant mode
this is the reference input. In 4-quadrant mode, this pin is
driven by external inverting reference amplifier.
RCOM (Pin 2): Center Tap Point of the Two 4-Quadrant
Resistors R1 and R2. Normally tied to the inverting input
of an external amplifier in 4-quadrant operation, otherwise
shorted to the REF pin. See Figures 1a and 2a.
R1 (Pin 3): 4-Quadrant Resistor R1. In 2-quadrant opera-
tion short to the REF pin. In 4-quadrant mode tie to ROFS
(Pin 4).
ROFS (Pin 4): Bipolar Offset Resistor. Typically swings
±10V, accepts up to ±25V. In 2-quadrant operation tie to
RFB. In 4-quadrant operation tie to R1.
RFB (Pin 5): Feedback Resistor. Normally tied to the output
of the current to voltage converter op amp. Swings to
±VREF. VREF is typically ±10V.
IOUT1 (Pin 6): DAC Current Output. Tie to the inverting
input of the current to voltage converter op amp.
AGND (Pin 7): Analog Ground. Tie to ground.
LD (Pin 8): DAC Digital Input Load Control Input. When LD
is taken to a logic high, data is loaded from the input
register into the DAC register, updating the DAC output.
WR (Pin 9):DAC Digital Write Control Input. When WR is
taken to a logic low, data is loaded from the digital input
pins into the 14-bit wide input register.
DB13 to D2 (Pins 10 to 21): Digital Input Data Bits.
DGND (Pin 22): Digital Ground. Tie to ground.
VCC (Pin 23): The Positive Supply Input. 4.5V ≤ VCC ≥ 5.5V.
Requires a bypass capacitor to ground.
DB1, DB0 (Pins 24, 25): Digital Input Data Bits.
NC (Pins 26, 27): No Connect.
CLR (Pin 28):Digital Clear Control Function for the DAC.
When CLR is taken to a logic low, it sets the DAC output
and all internal registers to zero code for the LTC1591 and
midscale code for the LTC1591-1.
LTC1597
REF (Pin 1): Reference Input and 4-Quadrant Resistor R2.
Typically
±10V, accepts up to ±25V. In 2-Quadrant mode
this is the reference input. In 4-quadrant mode, this pin is
driven by external inverting reference amplifier.
RCOM (Pin 2): Center Tap Point of the Two 4-Quadrant
Resistors R1 and R2. Normally tied to the inverting input
of an external amplifier in 4-quadrant operation, otherwise
shorted to the REF pin. See Figures 1b and 2b.
R1 (Pin 3): 4-Quadrant Resistor R1. In 2-quadrant opera-
tion short to the REF pin. In 4-quadrant mode tie to ROFS
(Pin 4).
ROFS (Pin 4): Bipolar Offset Resistor. Typically swings
±10V, accepts up to ±25V. In 2-quadrant operation tie to
RFB. In 4-quadrant operation tie to R1.
RFB (Pin 5): Feedback Resistor. Normally tied to the output
of the current to voltage converter op amp. Swings to
±VREF. VREF is typically ±10V.
IOUT1 (Pin 6): DAC Current Output. Tie to the inverting
input of the current to voltage converter op amp.
AGND (Pin 7): Analog Ground. Tie to ground.
LD (Pin 8): DAC Digital Input Load Control Input. When LD
is taken to a logic high, data is loaded from the input
register into the DAC register, updating the DAC output.
WR (Pin 9):DAC Digital Write Control Input. When WR is
taken to a logic low, data is loaded from the digital input
pins into the 16-bit wide input register.
DB15 to D4 (Pins 10 to 21): Digital Input Data Bits.
DGND (Pin 22): Digital Ground. Tie to ground.
VCC (Pin 23): The Positive Supply Input. 4.5V ≤ VCC ≥ 5.5V.
Requires a bypass capacitor to ground.
DB3 to DB0 (Pins 24 to 27): Digital Input Data Bits.
CLR (Pin 28):Digital Clear Control Function for the DAC.
When CLR is taken to a logic low, it sets the DAC output
and all internal registers to zero code for the LTC1597 and
midscale code for the LTC1597-1.


Similar Part No. - LTC1591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1591 LINER-LTC1591 Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591 LINER-LTC1591 Datasheet
303Kb / 20P
   16-/14-/12-Bit VOUT DACs in 3mm 횞 3mm DFN
LTC1591 LINER-LTC1591 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1591 LINER-LTC1591 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1591-1C LINER-LTC1591-1C Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results

Similar Description - LTC1591

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1597 LINER-LTC1597_15 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1591 LINER-LTC1591 Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
logo
Analog Devices
AD5546 AD-AD5546 Datasheet
683Kb / 16P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5557 AD-AD5557_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547_15 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547 AD-AD5547 Datasheet
481Kb / 20P
   Dual Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. 0
AD5547BRUZ AD-AD5547BRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
AD5557CRUZ AD-AD5557CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5547CRUZ AD-AD5547CRUZ Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with 4-Quadrant Resistors
REV. D
AD5556CRUZ AD-AD5556CRUZ Datasheet
1Mb / 20P
   Current Output, Parallel Input, 16-/14-Bit Multiplying DACs with Four-Quadrant Resistors
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com