Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1470 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC1470
Description  Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1470 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC1470 Datasheet HTML 4Page - Linear Technology LTC1470 Datasheet HTML 5Page - Linear Technology LTC1470 Datasheet HTML 6Page - Linear Technology LTC1470 Datasheet HTML 7Page - Linear Technology LTC1470 Datasheet HTML 8Page - Linear Technology LTC1470 Datasheet HTML 9Page - Linear Technology LTC1470 Datasheet HTML 10Page - Linear Technology LTC1470 Datasheet HTML 11Page - Linear Technology LTC1470 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
LTC1470/LTC1471
14701fa
Dual Slot 3.3V/5V PCMCIA Controller with SafeSlot Current Limit
(Systems with No 12V Power Requirements)
0.1
µF
10k
0.1
µF
1
µF
TANT
1
µF
TANT
A3VIN A3VIN
LTC1471
B3VIN B3VIN
3.3V
5V
AEN0
AEN1
BEN0
BEN1
AOUT
AOUT
BOUT
BOUT
A5VIN
B5VIN
GND
1470/71 TA02
GND
(OFF/3.3V/5V)
(OFF/3.3V/5V)
+
+
10k
PCMCIA
CARD SLOT
VCC
VCC
PCMCIA
CARD SLOT
VCC
VCC
CL-PD6710
A_VCC_3
A_VCC_5
B_VCC_3
B_VCC_5
Single Slot PCMCIA Controller with SafeSlot Current Limit
Protection Using LT1312 Single VPP Regulator/Driver
LT1312
VS
EN0
VALID
EN1
GND
1470/71 TA03
VPPOUT
SENSE
LTC1470
3VIN
3VIN
5VIN
EN0
GND
0UT
VCC
0UT
+
+
1
µF
0.1
µF
0.1
µF
EN1
* FROM OVERWINDING ON 3.3V OR 5V INDUCTOR IN SYSTEM POWER SUPPLY.
SEE FIGURES 3, 4 FOR FURTHER DETAIL
VPP1
VPP2
PCMCIA
CARD SLOT
10k
1
µF
TANT
3.3V
5V
VLOGIC
13V TO 20V*
51k
VPP_PGM
VPP_VCC
VPP_VALID
VCC_5
CIRRUS LOGIC
CL-PD6710
VCC
VCC_3
TYPICAL APPLICATIONS


Similar Part No. - LTC1470

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470CS8 LINER-LTC1470CS8 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
More results

Similar Description - LTC1470

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1470 LINER-LTC1470 Datasheet
266Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1471 LINER-LTC1471_15 Datasheet
163Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1470 LINER-LTC1470_1 Datasheet
157Kb / 12P
   Single and Dual PCMCIA Protected 3.3V/5V VCC Switches
LTC1472 LINER-LTC1472_1 Datasheet
199Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472 Datasheet
300Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1472 LINER-LTC1472_15 Datasheet
205Kb / 16P
   Protected PCMCIA VCC and VPP Switching Matrix
LTC1477 LINER-LTC1477_15 Datasheet
209Kb / 8P
   Single and Dual Protected High Side Switches
LTC1477 LINER-LTC1477 Datasheet
224Kb / 8P
   Single and Dual Protected High Side Switches
logo
Maxim Integrated Produc...
MAX157 MAXIM-MAX157 Datasheet
169Kb / 12P
   Dual-Channel CardBus and PCMCIA VCC/VPP Power-Switching Networks
19-1388; Rev 0; 11/98
MAX1602 MAXIM-MAX1602 Datasheet
130Kb / 12P
   Single-Channel CardBus and PCMCIA VCC/VPP Power-Switching Network
19-1125; Rev 0; 9/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com