Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1458L Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1458L
Description  Quad 12-Bit Rail-to-Rail Micropower DACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1458L Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1458L Datasheet HTML 4Page - Linear Technology LTC1458L Datasheet HTML 5Page - Linear Technology LTC1458L Datasheet HTML 6Page - Linear Technology LTC1458L Datasheet HTML 7Page - Linear Technology LTC1458L Datasheet HTML 8Page - Linear Technology LTC1458L Datasheet HTML 9Page - Linear Technology LTC1458L Datasheet HTML 10Page - Linear Technology LTC1458L Datasheet HTML 11Page - Linear Technology LTC1458L Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1458/LTC1458L
Using Two DACs to Digitally Program the Full Scale
and Offset of a Third
Figure 2 shows how to use one LTC1458 to make a 12-bit
DAC with a digitally programmable full scale and offset.
DAC A and DAC B are used to control the offset and full
scale of DAC C. DAC A is connected in a
×1 configuration
and controls the offset of DAC C by moving REFLO C above
ground. The minimum value to which this offset can be
programmed is 10mV. DAC B is connected in a
× 2
configuration and controls the full scale of DAC C by
driving REFHI C. Note that the voltage at REFHI C must be
less than or equal to VCC/2, corresponding to DAC B’s code
≤ 2,500 for VCC = 5V, since DAC C is being operated in × 2
mode for full rail-to-rail output swing.
The transfer characteristic is:
VOUTC = 2 • [DC • (2 • DB – DA) + DA] • REFOUT
where REFOUT = The Reference Output
DA = (DAC A Digital Code)/4096
This sets the offset.
DB = (DAC B Digital Code)/4096
This sets the full scale.
DC = (DAC C Digital Code)/4096
VCC
X1/X2 B
VOUT B
CLR
REFHI B
GND
REFLO B
REFLO A
REFHI A
REFOUT
NC
VOUT A
X1/X2 A
VCC
X1/X2 C
VOUT C
CS/LD
DIN
REFHI C
GND
REFLO C
REFLO D
REFHI D
DOUT
CLK
NC
VOUT D
X1/X2 D
LTC1458
LTC1458L
0.1
µF
VOUT
5V
1458 F02
500
Figure 2
APPLICATIO S I FOR ATIO


Similar Part No. - LTC1458L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458L LINER-LTC1458L Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458L LINER-LTC1458L Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1458LC LINER-LTC1458LC Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458LCG LINER-LTC1458LCG Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458LCG LINER-LTC1458LCG Datasheet
173Kb / 12P
   Quad 12-Bit Rail-to-RailvMicropower DACs
More results

Similar Description - LTC1458L

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1458 LINER-LTC1458_15 Datasheet
178Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1458 LINER-LTC1458 Datasheet
248Kb / 12P
   Quad 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454 LINER-LTC1454 Datasheet
246Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1454L LINER-LTC1454L_15 Datasheet
181Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1458 LINER-LTC1458_1 Datasheet
173Kb / 12P
   Quad 12-Bit Rail-to-RailvMicropower DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com