Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1453 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC1453
Description  12-Bit Rail-to-Rail Micropower DACs in SO-8
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1453 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC1453 Datasheet HTML 4Page - Linear Technology LTC1453 Datasheet HTML 5Page - Linear Technology LTC1453 Datasheet HTML 6Page - Linear Technology LTC1453 Datasheet HTML 7Page - Linear Technology LTC1453 Datasheet HTML 8Page - Linear Technology LTC1453 Datasheet HTML 9Page - Linear Technology LTC1453 Datasheet HTML 10Page - Linear Technology LTC1453 Datasheet HTML 11Page - Linear Technology LTC1453 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
LTC1451
LTC1452/LTC1453
sn145123 145123fas
An Isolated 4mA to 20mA Process Controller
Has 3.3V Minimum Loop Voltage
11451/2/3 TA04
3k
10k
1k
45k
5k
90k
5k
Q1
2N3440
RS
10
VLOOP
3.3V TO 30V
IOUT
OUT
IN
CLK
DIN
CS/LD
CLK
DIN
CS/LD
CLK
DIN
CS/LD
VCC
VOUT
1
µF
LTC1453
4N28
OPTO-ISOLATORS
3.3V
500
LT
®1121-3.3
FROM
OPTO-
ISOLATED
INPUTS
VREF
+
LT1077
This circuit shows how to use an LTC1453 to make an
opto-isolated digitally controlled 4mA to 20mA process
controller. The controller circuitry, including the opto-
isolation, is powered by the loop voltage that can have a
wide range of 3.3V to 30V. The 1.22V reference output of
the LTC1453 is used for the 4mA offset current and VOUT
is used for the digitally controlled 0mA to 16mA current.
RS is a sense resistor and the op amp modulates the
transistor Q1 to provide the 4mA to 20mA current through
this resistor. The potentiometers allow for offset and full-
scale adjustment. The control circuitry dissipates well
under the 4mA budget at zero-scale.
Note that although these DACs have internal Schmitt
triggers and are suitable for use with slow rising edges
such as produced by the above optoisolator, the use of
optoisolators in a daisy-chained topology requires the
addition of a gate or the use of a fast isolator on the clock
signal. Setup and hold times between DOUT and DIN are not
guaranteed unless a clock edge with a rise time of less than
100ns is provided.
TYPICAL APPLICATIO S


Similar Part No. - LTC1453

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1453 LINER-LTC1453 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453 LINER-LTC1453 Datasheet
166Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in
LTC1453CN8 LINER-LTC1453CN8 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453CS8 LINER-LTC1453CS8 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1453IN8 LINER-LTC1453IN8 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
More results

Similar Description - LTC1453

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1452 LINER-LTC1452_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451 Datasheet
173Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1451 LINER-LTC1451_15 Datasheet
199Kb / 12P
   12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446 Datasheet
130Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
LTC1446 LINER-LTC1446_1 Datasheet
172Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1446IS8 LINEAR_DIMENSIONS-LTC1446IS8 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Technology
LTC1446L LINER-LTC1446L_15 Datasheet
178Kb / 12P
   Dual 12-Bit Rail-to-Rail Micropower DACs in SO-8
logo
Linear Dimensions Semic...
LTC1655LIS8 LINEAR_DIMENSIONS-LTC1655LIS8 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
logo
Linear Technology
LTC1655L LINER-LTC1655L_15 Datasheet
184Kb / 16P
   16-Bit Rail-to-Rail Micropower DACs in SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com