Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1164-5 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC1164-5
Description  Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1164-5 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC1164-5 Datasheet HTML 4Page - Linear Technology LTC1164-5 Datasheet HTML 5Page - Linear Technology LTC1164-5 Datasheet HTML 6Page - Linear Technology LTC1164-5 Datasheet HTML 7Page - Linear Technology LTC1164-5 Datasheet HTML 8Page - Linear Technology LTC1164-5 Datasheet HTML 9Page - Linear Technology LTC1164-5 Datasheet HTML 10Page - Linear Technology LTC1164-5 Datasheet HTML 11Page - Linear Technology LTC1164-5 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC1164-5
8
11645fc
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
5V
≤ V+ ≤16V
1k
VOUT
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
1164-5 F02
+
LTC1164-5
0.1
µF
1
µF
10k
10k
1
2
3
4
5
6
7
14
13
12
11
10
9
8
VIN
V+
1k
V
VOUT
LTC1164-5
DIGITAL SUPPLY
+
GND
CLOCK SOURCE
*
1164-5 F01
* OPTIONAL (SEE TEXT)
0.1
µF
0.1
µF
Power Supply (Pins 4, 12)
The V
+ (Pin4)andtheV(Pin12)shouldbebypassedwith
a 0.1
µF capacitor to an adequate analog ground. The
filter’s power supplies should be isolated from other
digital or high voltage analog supplies. A low noise linear
supply is recommended. Using a switching power supply
will lower the signal-to-noise ratio of the filter. The supply
during power-up should have a slew rate less than 1V/
µs.
When V
+ is applied before V, and Vcan be more positive
than ground, a signal diode must be used to clamp V
.
Figures 1 and 2 show typical connections for dual and
single supply operation.
Clock Input (Pin 11)
Any TTL or CMOS clock source with a square-wave output
and 50% duty cycle (
±10%) is an adequate clock source
for the device. The power supply for the clock source
should not be the filter’s power supply. The analog ground
for the filter should be connected to clock’s ground at a
single point only. Table 1 shows the clock’s low and high
level threshold value for a dual or single supply operation.
A pulse generator can be used as a clock source provided
the high level ON time is greater than 0.5
µs.Sinewavesare
not recommended for clock input frequencies less than
100kHz, since excessively slow clock rise or fall times
generate internal clock jitter (maximum clock rise or fall
time
≤1µs). The clock signal should be routed from the
right side of the IC package to avoid coupling into any input
or output analog signal path. A 1k resistor between clock
source and Pin 11 will slow down the rise and fall times of
the clock to further reduce charge coupling, Figures 1
and 2.
Table 1. Clock Source High and Low Threshold Levels
POWER SUPPLY
HIGH LEVEL
LOW LEVEL
Dual Supply >
±3.4V
≥ V+/3
≤ 0.5V
Dual Supply
≤ ±3.4V
≥ V+/3
≤ V + 0.5V
Single Supply V
+ > 6.8V, V = 0V
≥ V+• 0.65
≤ 0.5V + 1/2V+
Single Supply V
+ < 6.8V, V = 0V
≥ V+/3
≤ 0.5V
Analog Ground (Pins 3, 5)
The filter performance depends on the quality of the
analog signal ground. For either dual or single supply
operation, an analog ground plane surrounding the pack-
age is recommended. The analog ground plane should be
connected to any digital ground at a single point. For dual
supply operation, Pins 3 and 5 should be connected to the
analog ground plane. For single supply operation Pins 3
and 5 should be biased at 1/2 supply and they should be
bypassed to the analog ground plane with at least a 1
µF
capacitor (Figure 2). For single 5V operation at the highest
fCLK of 1MHz, Pins 3 and 5 should be biased at 2V. This
minimizes passband gain and phase variations (see Typi-
cal Performance Characteristics curves: Maximum Pass-
band for Single 5V, 50:1; and THD + Noise vs RMS Input
for Single 5V, 50:1).
PI FU CTIO S
Figure 1. Dual Supply Operation for fCLK/fCUTOFF = 100:1
Figure 2. Single Supply Operation for fCLK/fCUTOFF = 100:1


Similar Part No. - LTC1164-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5C LINER-LTC1164-5C Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5CJ LINER-LTC1164-5CJ Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
More results

Similar Description - LTC1164-5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1164-5 LINER-LTC1164-5 Datasheet
224Kb / 16P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-5 LINER-LTC1164-5 Datasheet
204Kb / 12P
   Low Power 8th Order Pin Selectable Butterworth or Bessel Lowpass Filter
LTC1164-6 LINER-LTC1164-6 Datasheet
311Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_15 Datasheet
245Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
LTC1164-6 LINER-LTC1164-6_1 Datasheet
240Kb / 12P
   Low Power 8th Order Pin Selectable Elliptic or Linear Phase Lowpass Filter
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
Linear Technology
LTC1064-2 LINER-LTC1064-2_15 Datasheet
130Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2_09 Datasheet
124Kb / 12P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter
LTC1064-2 LINER-LTC1064-2 Datasheet
547Kb / 8P
   Low Noise, High Frequency, 8th Order Butterworth Lowpass Filter???
logo
Maxim Integrated Produc...
MAX7401 MAXIM-MAX7401 Datasheet
197Kb / 12P
   8th-Order, Lowpass, Bessel, Switched-Capacitor Filters
19-4788; Rev 1; 6/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com