Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD5010-12M Datasheet(PDF) 1 Page - ORION FANS

Part # OD5010-12M
Description  FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD5010-12M Datasheet(HTML) 1 Page - ORION FANS

  OD5010-12M Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
34
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD5210 Series
DC Fan - 5, 12V
52x10mm (2.05”x 0.39”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer
Alarm
Life Expectancy (L10)
Ball - 60,000 hrs (45C)
Sleeve - 30,000 hrs (45C)
Operating Temperature
Ball: -20 ~ 80C
Sleeve: -10 ~ 50C
Connection
2x Lead wires 26AWG
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Ball bearing or Sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature -30C ~ +90C
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Voltage
Range
(VDC)
Amps
Max. Static
Pressure
(“H2O)
OD5210-05H *
6000
12
36
5
4~7
.25
.14
OD5210-05M *
5000
10
32
5
4~7
.21
.11
OD5210-12H *
6000
12
36
12
8~17
.14
.14
OD5210-12M *
5000
10
32
12
8~17
.12
.11
* Indicate “B” for ball bearing or “S” for sleeve bearing
HM
Also available
with a 50mm
frame. Call for
details
m4 (m1)
77282 2009_fan_cat sec 2:Layout 1
7/28/09
11:12 AM
Page 34


Similar Part No. - OD5010-12M

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD5010-12M ORIONFANS-OD5010-12M Datasheet
401Kb / 1P
   FAN
More results

Similar Description - OD5010-12M

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2404085 PHOENIX-2404085 Datasheet
190Kb / 5P
   Fan - RFC FAN MODULE
Dec 8, 2022
logo
ORION FANS
OD6015-05HB ORIONFANS-OD6015-05HB Datasheet
216Kb / 1P
   FAN
OD6020-12H ORIONFANS-OD6020-12H Datasheet
116Kb / 1P
   FAN
OD1232-12HB-03 ORIONFANS-OD1232-12HB-03 Datasheet
767Kb / 1P
   FAN
OD4028-12HB-XC ORIONFANS-OD4028-12HB-XC_15 Datasheet
112Kb / 1P
   FAN
G280 ORIONFANS-G280 Datasheet
488Kb / 1P
   Fan Guard for 280mm fan
logo
List of Unclassifed Man...
G119-8 ETC2-G119-8 Datasheet
760Kb / 1P
   Fan Guards for 127mm Fan
logo
ORION FANS
OD5010-05H ORIONFANS-OD5010-05H Datasheet
401Kb / 1P
   FAN
OD6010-05M ORIONFANS-OD6010-05M Datasheet
100Kb / 1P
   FAN
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030_V01 Datasheet
276Kb / 1P
   SPACE-SAVING FAN HEATER WITH FAN
19.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com