Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD5010-05L Datasheet(PDF) 1 Page - ORION FANS

Part # OD5010-05L
Description  FAN
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD5010-05L Datasheet(HTML) 1 Page - ORION FANS

  OD5010-05L Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
O
ODD55001100 SSeerriieess
DC Fan - 5, 12, 24V
50x10mm (1.97”x 0.39”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer
Alarm
Life Expectancy (L10)
60,000 hrs Ball
50,000 hrs Sealed Sleeve
30,000 hrs Sleeve
Operating Temperature
-10 ~ 70C
Connection
2x Lead wires (~290mm)
26AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual Ball, sleeve, or sealed
sleeve
Insulation Resistance 10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage < 500 MicroAmp
RoHS Compliant
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OrionFans.com
Information and data is subject to
change without prior notification.
012512
Model Number
Speed
(RPM)
Airflow
(CFM)
Noise
(dB)
Volts DC Input Power
(Watts)
Amps
Max. Static
Pressure
(“H2O)
OD5010-05H *
5200
11
28
5
1.15
0.23
0.12
OD5010-05M *
4600
10
25
5
0.75
0.15
0.10
OD5010-05L *
3900
9
20
5
0.45
0.10
0.06
OD5010-12H *
5200
11
28
12
1.44
0.12
0.12
OD5010-12M *
4600
10
25
12
1.08
0.09
0.10
OD5010-12L *
3900
9
20
12
0.96
0.08
0.06
OD5010-24H *
5200
11
28
24
1.92
0.08
0.12
OD5010-24M *
4600
10
25
24
1.44
0.06
0.10
OD5010-24L *
3900
9
20
24
1.20
0.05
0.06
* Indicate “B” for ball bearing, “S” for sleeve bearing, or “SS” for sealed sleeve


Similar Part No. - OD5010-05L

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD5010-05L ORIONFANS-OD5010-05L Datasheet
117Kb / 1P
   FAN
More results

Similar Description - OD5010-05L

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2404085 PHOENIX-2404085 Datasheet
190Kb / 5P
   Fan - RFC FAN MODULE
Dec 8, 2022
logo
ORION FANS
OD5210-05H ORIONFANS-OD5210-05H Datasheet
117Kb / 1P
   FAN
OD6015-05HB ORIONFANS-OD6015-05HB Datasheet
216Kb / 1P
   FAN
OD6020-12H ORIONFANS-OD6020-12H Datasheet
116Kb / 1P
   FAN
OD1232-12HB-03 ORIONFANS-OD1232-12HB-03 Datasheet
767Kb / 1P
   FAN
OD4028-12HB-XC ORIONFANS-OD4028-12HB-XC_15 Datasheet
112Kb / 1P
   FAN
G280 ORIONFANS-G280 Datasheet
488Kb / 1P
   Fan Guard for 280mm fan
logo
List of Unclassifed Man...
G119-8 ETC2-G119-8 Datasheet
760Kb / 1P
   Fan Guards for 127mm Fan
logo
ORION FANS
OD6010-05M ORIONFANS-OD6010-05M Datasheet
100Kb / 1P
   FAN
logo
STEGO Elektrotechnik Gm...
HVI030 STEGO-HVI030_V01 Datasheet
276Kb / 1P
   SPACE-SAVING FAN HEATER WITH FAN
19.03.2019
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com