Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD172SAP-24L Datasheet(PDF) 1 Page - ORION FANS

Part # OD172SAP-24L
Description  DC Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD172SAP-24L Datasheet(HTML) 1 Page - ORION FANS

  OD172SAP-24L Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
57
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD172S Series
DC Fan - 12, 24, 48V
172x150x51mm (6.7”x 5.9”x 2.0”)
Frame
Diecast Aluminum
Available Options:
Tachometer (5VTTL)
Alarm (5VTTL)
Thermistor Speed Control
PWM Speed Control
Life Expectancy (L10)
Ball - 40,000 hrs (60C)
Operating Temperature
Ball: -20C ~ 75C
Impeller
PBT, UL94V-O plastic
Connection
2x Lead wires, AWG22 or
terminals
Motor
Brushless DC, auto restart,
impedance and polarity
protected
Bearing System
Dual ball bearing
Insulation Resistance
10M ohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Storage Temperature
-30C ~ +90C
m0
* Indicate “B” for wire leads or “TB” for Terminals
Model Number
Speed (RPM)
Airflow
(CFM)
Noise (dB)
Volts DC
Voltage
Range
Amps
Max. Static
Pressure
(“H2O)
OD172SAP-12HH *
3800
290
56
12
8~14
4.20
0.93
OD172SAP-12H *
3200
230
52
12
8~14
1.90
0.75
OD172SAP-12M *
2500
180
42
12
8~14
1.10
0.51
OD172SAP-12L *
1600
125
32
12
8~14
0.45
0.35
OD172SAP-24HH *
3900
300
57
24
15~28
2.65
0.98
OD172SAP-24H *
3300
235
52
24
15~28
0.97
0.79
OD172SAP-24M *
2500
180
42
24
15~28
0.52
0.51
OD172SAP-24L *
1600
125
32
24
15~28
0.20
0.35
OD172SAP-48HH *
3900
300
57
48
22~63
1.03
0.98
OD172SAP-48H *
3300
235
52
48
22~63
0.48
0.79
OD172SAP-48M *
2500
180
42
48
22~63
0.30
0.51
OD172SAP-48L *
1600
125
32
48
22~63
0.12
0.35


Similar Part No. - OD172SAP-24L

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD172SAP-24L ORIONFANS-OD172SAP-24L Datasheet
162Kb / 1P
   DC Fan - 12, 24, 48V 172x150x51mm (6.7?쓝 5.9?쓝 2.0??
More results

Similar Description - OD172SAP-24L

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109R0824G4021 SANYO-109R0824G4021 Datasheet
272Kb / 4P
   DC Fan
logo
ORION FANS
OD8032-12H ORIONFANS-OD8032-12H Datasheet
479Kb / 1P
   DC FAN
OD4020-05HB ORIONFANS-OD4020-05HB_15 Datasheet
120Kb / 1P
   DC Fan
OD180APL-12HB ORIONFANS-OD180APL-12HB_15 Datasheet
204Kb / 1P
   DC FAN
OD1238-12HB ORIONFANS-OD1238-12HB Datasheet
261Kb / 1P
   DC Fan
OD1238-12HHB ORIONFANS-OD1238-12HHB Datasheet
379Kb / 1P
   DC FAN
OD1238-12HSS ORIONFANS-OD1238-12HSS Datasheet
250Kb / 1P
   DC Fan
OD9225-12HSS ORIONFANS-OD9225-12HSS Datasheet
208Kb / 1P
   DC Fan
logo
Delta Electronics, Inc.
AFB1712H-A DELTA-AFB1712H-A Datasheet
701Kb / 8P
   DC FAN
June 24, 2009
logo
ORION FANS
OD9220-12H ORIONFANS-OD9220-12H_15 Datasheet
110Kb / 1P
   DC Fan
OD7020-12HB ORIONFANS-OD7020-12HB Datasheet
954Kb / 1P
   DC FAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com