Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OD1225-12LB Datasheet(PDF) 1 Page - ORION FANS

Part # OD1225-12LB
Description  DC Fan
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORIONFANS [ORION FANS]
Direct Link  http://www.orionfans.com/index.html
Logo ORIONFANS - ORION FANS

OD1225-12LB Datasheet(HTML) 1 Page - ORION FANS

  OD1225-12LB Datasheet HTML 1Page - ORION FANS  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS Compliant
48
Orion Fans
Information and data is subject to
change without prior notification.
Knight Electronics, Inc.
10557 Metric Drive
Dallas, Texas 75243
214-340-0265
OD1225 Series
DC Fan - 12V, 24V
120x25mm (4.7”x 1.0”)
Frame & Impeller
PBT, UL94V-O plastic
Available Options:
Tachometer,
Alarm,
Thermal control
IP55 Water Resistance
48V
Connection
2x Lead wires 24AWG
Motor
Brushless DC, auto restart,
polarity protected
Bearing System
Dual ball bearing
Insulation Resistance 10Mohm between leadwire
and frame (500VDC)
Dielectric Strength
1 second at 500 VAC, max
leakage - 500 MicroAmp
Temperature Range
-10C ~ +70C
Life (L10)
65,000 hours (45C)
Model Number Speed (RPM) Airflow
(CFM) Noise (dB) Volts DC Input Power
(Watts) Amps (max)
Max. Static
Pressure
(“H2O)
OD1225-12HB
2200
89
39
12
5
0.37
0.14
OD1225-12MB
2050
83
38
12
4
0.33
0.12
OD1225-12LB
1800
72
34
12
3
0.24
0.10
OD1225-24HB
2200
89
39
24
5
0.19
0.14
OD1225-24MB
2050
83
38
24
4
0.17
0.12
OD1225-24LB
1800
72
34
24
3
0.14
0.10
m1
77282 2009_fan_cat sec 3:Layout 1
8/3/09
11:19 AM
Page 48


Similar Part No. - OD1225-12LB

ManufacturerPart #DatasheetDescription
logo
ORION FANS
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC Fan
OD1225-12HSS ORIONFANS-OD1225-12HSS Datasheet
247Kb / 1P
   DC FAN - 12V, 24V
More results

Similar Description - OD1225-12LB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109R0824G4021 SANYO-109R0824G4021 Datasheet
272Kb / 4P
   DC Fan
logo
ORION FANS
OD8032-12H ORIONFANS-OD8032-12H Datasheet
479Kb / 1P
   DC FAN
OD4020-05HB ORIONFANS-OD4020-05HB_15 Datasheet
120Kb / 1P
   DC Fan
OD180APL-12HB ORIONFANS-OD180APL-12HB_15 Datasheet
204Kb / 1P
   DC FAN
OD1238-12HB ORIONFANS-OD1238-12HB Datasheet
261Kb / 1P
   DC Fan
OD1238-12HHB ORIONFANS-OD1238-12HHB Datasheet
379Kb / 1P
   DC FAN
OD1238-12HSS ORIONFANS-OD1238-12HSS Datasheet
250Kb / 1P
   DC Fan
OD9225-12HSS ORIONFANS-OD9225-12HSS Datasheet
208Kb / 1P
   DC Fan
logo
Delta Electronics, Inc.
AFB1712H-A DELTA-AFB1712H-A Datasheet
701Kb / 8P
   DC FAN
June 24, 2009
logo
ORION FANS
OD9220-12H ORIONFANS-OD9220-12H_15 Datasheet
110Kb / 1P
   DC Fan
OD7020-12HB ORIONFANS-OD7020-12HB Datasheet
954Kb / 1P
   DC FAN
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com