Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5312DW1T1G Datasheet(PDF) 14 Page - Leshan Radio Company

Part No. LMUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5312DW1T1G Datasheet(HTML) 14 Page - Leshan Radio Company

Back Button LMUN5312DW1T1G_15 Datasheet HTML 10Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 11Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 12Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 13Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 14Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 15Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 16Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 17Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 18Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS — LMUN5315DW1T1G PNP TRANSISTOR
75
°C
25
°C
−25
°C
Figure 47. VCE(sat) versus IC
Figure 48. DC Current Gain
Figure 49. Output Capacitance
Figure 50. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 51. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
1000
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
75
°C
25
°C
TA = −25°C
0.01
0.01
0.1
30
VR, REVERSE BIAS VOLTAGE (VOLTS)
4.5
1.5
45
50
40
30
20
10
0
0
0.5
1
2
4
35
25
15
5
3.5
3
2.5
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
LMUN5311DW1T1G Series
LESHAN RADIO COMPANY, LTD.
14/29


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn