Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5312DW1T1G Datasheet(PDF) 12 Page - Leshan Radio Company

Part No. LMUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5312DW1T1G Datasheet(HTML) 12 Page - Leshan Radio Company

Back Button LMUN5312DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 10Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 11Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 12Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 13Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 14Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 15Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 16Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS − LMUN5314DW1T1G PNP TRANSISTOR
10
1
0.1
010
20
30
40
50
100
10
1
0
246
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8 1015 2025 3035 4045 50
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 37. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
0
204060
80
Figure 38. DC Current Gain
1
10
100
IC, COLLECTOR CURRENT (mA)
Figure 39. Output Capacitance
Figure 40. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
Figure 41. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0.001
−25°C
25°C
TA =75°C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4 6
8
15 20 40 50 60 70 80 90
f = 1 MHz
lE = 0 V
TA = 25°C
25°C
IC/IB = 10
TA =−25°C
TA =75°C
25°C
−25°C
VO = 5 V
VO = 0.2 V
25°C
TA =−25°C
75°C
75°C
LMUN5311DW1T1G Series
LESHAN RADIO COMPANY, LTD.
12/29


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn