Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5312DW1T1G Datasheet(PDF) 10 Page - Leshan Radio Company

Part No. LMUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5312DW1T1G Datasheet(HTML) 10 Page - Leshan Radio Company

Back Button LMUN5312DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 10Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 11Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 12Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 13Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 14Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS − LMUN5313DW1T1G PNP TRANSISTOR
Figure 27. VCE(sat) versus IC
IC, COLLECTOR CURRENT (mA)
1
0.1
0.01
0
102030
40
75°C
25°C
Figure 28. DC Current Gain
1000
100
10
1
10
100
IC, COLLECTOR CURRENT (mA)
−25°C
Figure 29. Output Capacitance
Figure 30. Output Current versus Input Voltage
100
10
1
0.1
0.01
0.001
010
25°C
Vin, INPUT VOLTAGE (VOLTS)
−25°C
50
010
20
30
40
1
0.8
0.6
0.4
0.2
0
VR, REVERSE BIAS VOLTAGE (VOLTS)
1
2
3
4
5
6
7
8
9
Figure 31. Input Voltage versus Output Current
100
10
1
0.1
0
10
20
30
40
IC, COLLECTOR CURRENT (mA)
TA =−25°C
25°C
75°C
50
IC/IB = 10
TA =−25°C
25°C
TA =75°C
f = 1 MHz
lE = 0 V
TA = 25°C
VO = 5 V
TA =75°C
VO = 0.2 V
LMUN5311DW1T1G Series
LESHAN RADIO COMPANY, LTD.
10/29


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn