Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5312DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part No. LMUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5312DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LMUN5312DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1
3
2
LMUN5311DW1T1G
Series
SOT-363/SC-88
6
4
5
The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base–emitter resistor. These digital tran-
sistors are designed to replace a single device and its external resistor bias network. The BRT
eliminates these individual components by integrating them into a single device. In the
LMUN5311DW1T1G series, two complementary BRT devices are housed in the SOT–363 package
which is ideal for low power surface mount applications where board space is at a premium.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
Dual Bias Resistor Transistors
NPN and PNP Silicon Surface Mount
Transistors with Monolithic Bias
Resistor Network
1
3
2
6
4
5
Q1
Q2
R1
R2
R1
R2
XX
MARKING DIAGRAM
13
2
6
4
5
DEVICE MARKING
INFORMATION
See specific marking information in
the device marking table on page 2 of
this data sheet.
xx = Device Marking
= (See Page 2)
256 (Note 2.)
1.5 (Note 1.)
2.0 (Note 2.)
MAXIMUM RATINGS (T A = 25°C unless otherwise noted, common for Q 1
and Q 2 , – minus sign for Q 1 (PNP) omitted)
Rating
Symbol Value
Unit
Collector-Base Voltage
V CBO
50
Vdc
Collector-Emitter Voltage
V CEO
50
Vdc
Collector Current
I C
100
mAdc
THERMAL CHARACTERISTICS
Characteristic
(One Junction Heated)
Symbol
Max
Unit
Total Device Dissipation
P D
187 (Note 1.)
mW
T A = 25°C
Derate above 25°C
mW/°C
Thermal Resistance –
R θJA
670 (Note 1.)
°C/W
Junction-to-Ambient
490 (Note 2.)
Characteristic
(Both Junctions Heated)
Symbol
Max
Unit
Total Device Dissipation
T A = 25°C
Derate above 25°C
P D
250 (Note 1.)
385 (Note 2.)
2.0 (Note 1.)
3.0 (Note 2.)
mW
mW/°C
Thermal Resistance –
Junction-to-Ambient
R θJA
493 (Note 1.)
325 (Note 2.)
°C/W
Thermal Resistance –
Junction-to-Lead
R θJL
188 (Note 1.)
208 (Note 2.)
°C/W
Junction and Storage
Temperature
T J , T stg
–55 to +150
°C
1. FR–4 @ Minimum Pad
2. FR–4 @ 1.0 x 1.0 inch Pad
LESHAN RADIO COMPANY, LTD.
1/29
• We declare that the material of product compliance with RoHS requirements.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn