Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5312DW1T1G Datasheet(PDF) 4 Page - Leshan Radio Company

Part No. LMUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5312DW1T1G Datasheet(HTML) 4 Page - Leshan Radio Company

  LMUN5312DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2, − minus sign for Q1 (PNP) omitted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
500
nAdc
Emitter-Base Cutoff Current
LMUN5311DW1T1G
(VEB = 6.0 V, IC = 0)
LMUN5312DW1T1G
LMUN5313DW1T1G
LMUN5314DW1T1G
LMUN5315DW1T1G
LMUN5316DW1T1G
LMUN5330DW1T1G
LMUN5331DW1T1G
LMUN5332DW1T1G
LMUN5333DW1T1G
LMUN5334DW1T1G
LMUN5335DW1T1G
IEBO
0.5
0.2
0.1
0.2
0.9
1.9
4.3
2.3
1.5
0.18
0.13
0.2
mAdc
Collector-Base Breakdown Voltage (IC = 10 mA, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (Note 3) (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
Vdc
3. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
Figure 1. Derating Curve
300
200
150
100
50
0
− 50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 490°C/W
250
ALL LMUN5311DW1T1G SERIES DEVICES
LMUN5311DW1T1G Series
LESHAN RADIO COMPANY, LTD.
4/29


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn