Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMUN5312DW1T1G Datasheet(PDF) 3 Page - Leshan Radio Company

Part No. LMUN5312DW1T1G
Description  Dual Bias Resistor Transistors
Download  29 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LRC [Leshan Radio Company]
Homepage  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMUN5312DW1T1G Datasheet(HTML) 3 Page - Leshan Radio Company

  LMUN5312DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 4Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 5Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 6Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 7Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 8Page - Leshan Radio Company LMUN5312DW1T1G_15 Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted, common for Q1 and Q2, − minus sign for Q1 (PNP) omitted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
DC Current Gain
LMUN5311DW1T1G
(VCE = 10 V, IC = 5.0 mA)
LMUN5312DW1T1G
LMUN5313DW1T1G
LMUN5314DW1T1G
LMUN5315DW1T1G
LMUN5316DW1T1G
LMUN5330DW1T1G
LMUN5331DW1T1G
LMUN5332DW1T1G
LMUN5333DW1T1G
LMUN5334DW1T1G
LMUN5335DW1T1G
hFE
35
60
80
80
160
160
3.0
8.0
15
80
80
80
60
100
140
140
350
350
5.0
15
30
200
150
140
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
(IC = 10 mA, IB = 5 mA) LMUN5330DW1T1G/LMUN5331DW1T1G
(IC = 10 mA, IB = 1 mA) LMUN5315DW1T1G/LMUN5316DW1T1G
LMUN5332DW1T1G/LMUN5333DW1T1G/LMUN5334DW1T1G
VCE(sat)
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB = 2.5 V, RL = 1.0 kW)
LMUN5311DW1T1G
LMUN5312DW1T1G
LMUN5314DW1T1G
LMUN5315DW1T1G
LMUN5316DW1T1G
LMUN5330DW1T1G
LMUN5331DW1T1G
LMUN5332DW1T1G
LMUN5333DW1T1G
LMUN5334DW1T1G
LMUN5335DW1T1G
(VCC = 5.0 V, VB = 3.5 V, RL = 1.0 kW)
LMUN5313DW1T1G
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
Output Voltage (off)
(VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.050 V, RL = 1.0 kW)
LMUN5330DW1T1G
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
LMUN5315DW1T1G
LMUN5316DW1T1G
LMUN5333DW1T1G
VOH
4.9
Vdc
Input Resistor
LMUN5311DW1T1G
LMUN5312DW1T1G
LMUN5313DW1T1G
LMUN5314DW1T1G
LMUN5315DW1T1G
LMUN5316DW1T1G
LMUN5330DW1T1G
LMUN5331DW1T1G
LMUN5332DW1T1G
LMUN5333DW1T1G
LMUN5334DW1T1G
LMUN5335DW1T1G
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
k
W
Resistor RatioLMUN5311DW1T1G/LMUN5312DW1T1G/LMUN5313DW1T1G
LMUN5314DW1T1G
LMUN5315DW1T1G/LMUN5316DW1T1G
LMUN5330DW1T1G/LMUN5331DW1T1G/LMUN5332DW1T1G
LMUN5333DW1T1G
LMUN5334DW1T1G
LMUN5335DW1T1G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.0
0.21
1.0
0.1
0.47
0.047
1.2
0.25
1.2
0.185
0.56
0.056
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%
LMUN5311DW1T1G Series
LESHAN RADIO COMPANY, LTD.
3/29


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn