Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMBZ5221BLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LMBZ5221BLT1G
Description  Zener Voltage Regalators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LMBZ5221BLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LMBZ5221BLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LMBZ5221BLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LMBZ5221BLT1G_15 Datasheet HTML 3Page - Leshan Radio Company LMBZ5221BLT1G_15 Datasheet HTML 4Page - Leshan Radio Company LMBZ5221BLT1G_15 Datasheet HTML 5Page - Leshan Radio Company LMBZ5221BLT1G_15 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LMBZ5221BLT1G Series , S-LMBZ5221BLT1G Series
ELECTRICAL CHARACTERISTICS
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C
unless otherwise noted, VF = 0.95 V Max. @ IF = 10 mA)
Symbol
Parameter
VZ
Reverse Zener Voltage @ IZT
IZT
Reverse Current
ZZT
Maximum Zener Impedance @ IZT
IZK
Reverse Current
ZZK
Maximum Zener Impedance @ IZK
IR
Reverse Leakage Current @ VR
VR
Reverse Voltage
IF
Forward Current
VF
Forward Voltage @ IF
Zener Voltage Regulator
IF
V
I
IR
IZT
VR
VZ
VF
LESHAN RADIO COMPANY, LTD.
Rev.A 2/6


Similar Part No. - LMBZ5221BLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBZ5221BLT1G LRC-LMBZ5221BLT1G Datasheet
152Kb / 6P
   Zener Voltage Regalators
logo
Shanghai Leiditech Elec...
LMBZ5221BLT1G LEIDITECH-LMBZ5221BLT1G Datasheet
674Kb / 6P
   Zener Voltage Regulator
More results

Similar Description - LMBZ5221BLT1G_15

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDZS2.4 FS-FDZS2.4 Datasheet
246Kb / 4P
   Zener Voltage Regalators
logo
Leshan Radio Company
LMBZ5221BLT1G LRC-LMBZ5221BLT1G Datasheet
152Kb / 6P
   Zener Voltage Regalators
logo
Shenzhen Luguang Electr...
SM5A27 LUGUANG-SM5A27 Datasheet
149Kb / 2P
   Zener Voltage
logo
AiT Semiconductor Inc.
M5Z15V AITSEMI-M5Z15V Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
M5Z8V2 AITSEMI-M5Z8V2 Datasheet
572Kb / 8P
   ZENER DIODES 200mW ZENER VOLTAGE REGULATORS
REV1.0
logo
ON Semiconductor
BZX84C2V4ET1 ONSEMI-BZX84C2V4ET1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
July, 2004 ??Rev. 3
BZX84B4V7LT1 ONSEMI-BZX84B4V7LT1 Datasheet
80Kb / 8P
   Zener Voltage Regulators
December, 2004 ??Rev. 8
MMSZ5221BT1 ONSEMI-MMSZ5221BT1 Datasheet
75Kb / 6P
   Zener Voltage Regulators
January, 2005 ??Rev. 5
NZL5V6AXV3T1 ONSEMI-NZL5V6AXV3T1 Datasheet
52Kb / 6P
   Zener Voltage Regulators
June, 2003 - Rev. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com