Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC373BFPEL Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RD74LVC373BFPEL
Description  Octal D-type Transparent Latches with 3-state Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC373BFPEL Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RD74LVC373BFPEL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 9Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 10Page - Renesas Technology Corp RD74LVC373BFPEL Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
RD74LVC373B
Rev.1.00 Nov. 26, 2004 page 5 of 9
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
1.8±0.15
1.0
19.1
2.5±0.2
1.0
9.6
2.7
1.0
7.7
3.3±0.3
1.5
6.9
tPLH
tPHL
5.0±0.5
1.0
5.4
ns
D
Q
1.8±0.15
1.0
22.8
2.5±0.2
1.0
10.5
2.7
1.0
8.4
3.3±0.3
2.0
7.7
Propagation delay time
tPLH
tPHL
5.0±0.5
1.0
6.2
ns
LE
Q
1.8±0.15
1.0
20.0
2.5±0.2
1.0
10.5
2.7
1.0
8.5
3.3±0.3
1.5
7.5
Output enable time
tZH
tZL
5.0±0.5
1.0
6.0
ns
G
Q
1.8±0.15
1.0
19.3
2.5±0.2
1.0
7.8
2.7
1.0
7.0
3.3±0.3
1.6
6.5
Output disable time
tHZ
tLZ
5.0±0.5
1.0
5.5
ns
G
Q
1.8±0.15
6.0
2.5±0.2
4.0
2.7
2.0
3.3±0.3
2.0
Setup time
tsu
5.0±0.5
2.0
ns
1.8±0.15
4.0
2.5±0.2
2.0
2.7
1.5
3.3±0.3
1.5
Hold time
th
5.0±0.5
1.5
ns
1.8±0.15
9.0
2.5±0.2
4.0
2.7
3.3
3.3±0.3
3.3
Pulse width
tw
5.0±0.5
3.3
ns
1.8±0.15
2.5±0.2
2.7
3.3±0.3
1.0
Between output
pins skew
*1
tOSLH
tOSHL
5.0±0.5
1.0
ns
Input capacitance
CIN
3.3
4.0
pF
Output capacitance
CO
3.3
8.0
pF
Note:
1. This parameter is characterized but not tested.
tosLH = | tPLHm - tPLHn|, tosHL = | tPHLm - tPHLn|


Similar Part No. - RD74LVC373BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC373BFPEL RENESAS-RD74LVC373BFPEL Datasheet
111Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results

Similar Description - RD74LVC373BFPEL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com