Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RD74LVC138B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part No. RD74LVC138B
Description  3-to-8-line Decoder / Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RD74LVC138B Datasheet(HTML) 8 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RD74LVC138B
Rev.2.00 Jan. 14, 2005 page 6 of 7
Test Circuit
VCC
VCC
A
Input
Pulse Generator
Z
= 50
out
CL
RL
Y0 to Y7
B
C
G1
G2A
G2B
Output
Note:
1.
CL includes probe and jig capacitance.
Waveforms
Input
10 %
GND
90 %
tr
tf
90 %
10 %
In phase output
VOH
VOL
tPLH
tPHL
Out of
phase output
tPHL
tPLH
VOH
VOL
VIH
Vref
Vref
Vref
Vref
Vref
Vref
VCC (V)
VIH
Vref
CL
RL
tr/tf
VCC
VCC
1/2 VCC
1/2 VCC
1/2 VCC
VCC
INPUTS
VCC = 1.8±0.15 V
VCC = 2.5±0.2 V
VCC = 3.3±0.3 V
VCC = 5.0±0.5 V
VCC = 2.7 V
2.7 V
1.5 V
1.0 k
500
500
500
500
30 pF
30 pF
50 pF
50 pF
50 pF
1.5 V
2.7 V
≤ 2 ns
≤ 2 ns
≤ 2.5 ns
≤ 2.5 ns
≤ 2.5 ns
Note:
1.
Input waveform: PRR = 10 MHz, duty cycle 50%


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn