Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RD74LVC138B Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. RD74LVC138B
Description  3-to-8-line Decoder / Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RD74LVC138B Datasheet(HTML) 7 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
RD74LVC138B
Rev.2.00 Jan. 14, 2005 page 5 of 7
Switching Characteristics
Ta = –40 to 85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
From
(Input)
To
(Output)
1.8±0.15
1.0
22.0
2.5±0.2
1.0
9.9
2.7
1.0
7.9
3.3±0.3
1.0
6.7
tPLH
tPHL
5.0±0.5
1.0
6.0
ns
A, B, C
Y0 to Y7
1.8±0.15
1.0
21.0
2.5±0.2
1.0
9.4
2.7
1.0
7.4
3.3±0.3
1.0
6.5
tPLH
tPHL
5.0±0.5
1.0
6.0
ns
G2A, G2B Y0 to Y7
1.8±0.15
1.0
20.3
2.5±0.2
1.0
8.4
2.7
1.0
6.4
3.3±0.3
1.0
5.8
Propagation delay time
tPLH
tPHL
5.0±0.5
1.0
5.0
ns
G1
Y0 to Y7
1.8±0.15
2.5±0.2
2.7
3.3±0.3
1.0
Output skew between
pins*
1
tOSLH
tOSHL
5.0±0.5
1.0
ns
Input capacitance
CIN
3.3
5.0
pF
Note:
1. This parameter is characterized but not tested.
tOSLH = |tPLHm – tPLHn|, tOSHL = |tPHLm – tPHLn|
Operating Characteristics
Ta = 25°C
Item
Symbol
VCC = (V)
Min
Typ
Max
Unit
Test Conditions
1.8
25
2.5
26
3.3
27
Power dissipation capacitance
CPD
5.0
30
pF
f = 10 MHz


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn