Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RD74LVC138B Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. RD74LVC138B
Description  3-to-8-line Decoder / Demultiplexer
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RD74LVC138B Datasheet(HTML) 5 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
RD74LVC138B
Rev.2.00 Jan. 14, 2005 page 3 of 7
Recommended Operating Conditions
Item
Symbol
Ratings
Unit
Conditions
1.5 to 5.5
Data retention
Supply voltage
VCC
1.65 to 5.5
V
At operation
VI
0 to 5.5
V
A, B, C, G1,
G2A, G2B
Input / output voltage
VO
0 to VCC
V
Y0 to Y7
Operating temperature
Ta
–40 to 85
°C
–4
VCC = 1.65 V
–8
VCC = 2.3 V
–12
VCC = 2.7 V
IOH
–24
mA
VCC = 3.0 V to 5.5 V
4
VCC = 1.65 V
8
VCC = 2.3 V
12
VCC = 2.7 V
Output current
IOL
24
mA
VCC = 3.0 V to 5.5 V
20
VCC = 1.65 V to 2.7 V
Input rise / fall time
*1
tr, tf
10
ns/V
VCC = 3.0 V to 5.5 V
Notes: 1. This item guarantees maximum limit when one input switches.
Waveform: Refer to test circuit of switching characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn