Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD30LDT595PT0 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # RD30LDT595PT0
Description  8?밷it Serial?밿n Parallel?뱋ut LED Driver IC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD30LDT595PT0 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RD30LDT595PT0 Datasheet HTML 1Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 2Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 3Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 4Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 5Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 6Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 7Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 8Page - Renesas Technology Corp RD30LDT595PT0 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REJ03D0906-0200 Rev.2.00, Jun 16, 2008
Page 1 of 7
RD30LDT595
8–bit Serial–in Parallel–out LED Driver IC
REJ03D0906-0200
Rev.2.00
Jun 16, 2008
Description
The RD30LDT595 has eight edge trigger D–type Flip–Flops with eight latches in 16–pin package. Data is input to the
serial data input and the clock pulse is input to the clock input. When the clock is changed from ”L” to ”H”, the signal
of the data input enters an internal shift register. The data of the shift register is shifted one by one. In addition, output
load circuit is added so that power supply prevents a wrong action in on/off. When Vcc is less than a fixed level, the
output (
Q1 to Q8) compulsorily is off state. Low–voltage and high–speed operation is suitable for battery–powered
product (e.g., notebook computers), and the low–power consumption extends the battery life.
Features
• Supply voltage range : 4.5 to 5.5 V, VO = 30V
• Output current : IO = 100 mA (@VCC = 5 V)
• All the logical input has hysteresis voltage for the slow transition.
• Input with pull-up resistance. (Enable, Latch terminal)
• Input with pull-down resistance. (CLK, S-in terminal)
• Ordering Information
Part Name
Package Type
Package Code
(Previous Code)
Package
Abbreviation
Taping Abbreviation
(Quantity)
Surface
Treatment
RD30LDT595PT0
DILP-16 pin
PRDP0016AE-B
(DP-16FV)
P
T (1,000 pcs/reel)
0 (Ni/Pd/Au)
RD30LDT595FPH0
SOP-16 pin
PRSP0016DH-B
(FP-16DAV)
FP
H (2,000 pcs/reel)
0 (Ni/Pd/Au)
Note: Please consult the sales office for the above package availability.
Pin Arrangement
1
2
3
4
5
6
7
8
CLK
S-in
GND
VCC
S-out
Latch
Enable
GND
Q1
Q2
Q3
Q4
Q5
Q6
Q7
Q8
16
15
14
13
12
11
10
9
(Top view)


Similar Part No. - RD30LDT595PT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD30LDT595PT0 RENESAS-RD30LDT595PT0 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
More results

Similar Description - RD30LDT595PT0

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
   8-bit Serial-in Parallel-out LED Driver IC
logo
Rohm
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
   8-bit serial in, parallel out driver IC
logo
Renesas Technology Corp
RD30LDT3595 RENESAS-RD30LDT3595 Datasheet
197Kb / 7P
   24-bit Serial-in Parallel-out LED Driver IC
logo
Rohm
BD83812EFV-M ROHM-BD83812EFV-M Datasheet
1,020Kb / 21P
   Serial-in Parallel-out LED Driver 12 ch LED Driver IC for Automotive with 3-line Serial Interface
18.Mar.2022 Rev.001
logo
NEC
UPD6345 NEC-UPD6345 Datasheet
79Kb / 16P
   8 BIT SERIAL IN/PARALLEL OUT DRIVER
logo
Rohm
BA829 ROHM-BA829 Datasheet
81Kb / 7P
   8-bit, serial IN, parallel OUT driver
BA823F ROHM-BA823F Datasheet
152Kb / 6P
   8-Bit Serial-Input Parallel-Output Driver
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
   8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
   8-bit, serial IN, parallel OUT driver
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
   8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com