Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBZX84CLT1G Datasheet(PDF) 2 Page - Leshan Radio Company

Part # LBZX84CLT1G
Description  Zener Voltage Regulator Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBZX84CLT1G Datasheet(HTML) 2 Page - Leshan Radio Company

  LBZX84CLT1G_15 Datasheet HTML 1Page - Leshan Radio Company LBZX84CLT1G_15 Datasheet HTML 2Page - Leshan Radio Company LBZX84CLT1G_15 Datasheet HTML 3Page - Leshan Radio Company LBZX84CLT1G_15 Datasheet HTML 4Page - Leshan Radio Company LBZX84CLT1G_15 Datasheet HTML 5Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GENERAL DATA — 225mW SOT-23
LESHAN RADIO COMPANY, LTD.
2/5
ELECTRICAL CHARACTERISTICS − BZX84CxxxLT1 SERIES (STANDARD TOLERANCE)
(Pinout: 1-Anode, 2-No Connection, 3-Cathode) (TA = 25°C unless otherwise noted, VF = 0.90 V Max. @ IF = 10 mA)
(Devices listed in bold, italic are ON Semiconductor Preferred devices.)
Device*
Device
Marking
VZ1 (Volts)
@IZT1 =5 mA
(Note 3)
ZZT1
(
W)
@ IZT1 =
5 mA
VZ2 (V)
@IZT2 =1 mA
(Note 3)
ZZT2
(
W)
@ IZT2 =
10 mA
VZ3 (V)
@IZT3 =20 mA
(Note 3)
ZZT3
(
W)
@ IZT3 =
20 mA
Max Reverse
Leakage
Current
qVZ
(mV/k)
@ IZT1 = 5 mA
C (pF)
@ VR = 0
f = 1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
Volts
IR
mA
@
Min
Max
LBZX84C2V4LT1G
Z11
2.2
2.4
2.6
100
1.7
2.1
600
2.6
3.2
50
50
1
−3.5
0
450
LBZX84C2V7LT1G
Z12
2.5
2.7
2.9
100
1.9
2.4
600
3
3.6
50
20
1
−3.5
0
450
LBZX84C3V0LT1G
Z13
2.8
3
3.2
95
2.1
2.7
600
3.3
3.9
50
10
1
−3.5
0
450
LBZX84C3V3LT1G
Z14
3.1
3.3
3.5
95
2.3
2.9
600
3.6
4.2
40
5
1
−3.5
0
450
LBZX84C3V6LT1G
Z15
3.4
3.6
3.8
90
2.7
3.3
600
3.9
4.5
40
5
1
−3.5
0
450
LBZX84C3V9LT1G
Z16
3.7
3.9
4.1
90
2.9
3.5
600
4.1
4.7
30
3
1
−3.5
−2.5
450
LBZX84C4V3LT1G
W9
4
4.3
4.6
90
3.3
4
600
4.4
5.1
30
3
1
−3.5
0
450
LBZX84C4V7LT1G
Z1
4.4
4.7
5
80
3.7
4.7
500
4.5
5.4
15
3
2
−3.5
0.2
260
LBZX84C5V1LT1G
Z2
4.8
5.1
5.4
60
4.2
5.3
480
5
5.9
15
2
2
−2.7
1.2
225
LBZX84C5V6LT1G
Z3
5.2
5.6
6
40
4.8
6
400
5.2
6.3
10
1
2
−2.0
2.5
200
LBZX84C6V2LT1G
Z4
5.8
6.2
6.6
10
5.6
6.6
150
5.8
6.8
6
3
4
0.4
3.7
185
LBZX84C6V8LT1G
Z5
6.4
6.8
7.2
15
6.3
7.2
80
6.4
7.4
6
2
4
1.2
4.5
155
LBZX84C7V5LT1G
Z6
7
7.5
7.9
15
6.9
7.9
80
7
8
6
1
5
2.5
5.3
140
LBZX84C8V2LT1G
Z7
7.7
8.2
8.7
15
7.6
8.7
80
7.7
8.8
6
0.7
5
3.2
6.2
135
LBZX84C9V1LT1G
Z8
8.5
9.1
9.6
15
8.4
9.6
100
8.5
9.7
8
0.5
6
3.8
7.0
130
LBZX84C10LT1G
Z9
9.4
10
10.6
20
9.3
10.6
150
9.4
10.7
10
0.2
7
4.5
8.0
130
LBZX84C11LT1G
Y1
10.4
11
11.6
20
10.2
11.6
150
10.4
11.8
10
0.1
8
5.4
9.0
130
LBZX84C12LT1G
Y2
11.4
12
12.7
25
11.2
12.7
150
11.4
12.9
10
0.1
8
6.0
10.0
130
LBZX84C13LT1G
Y3
12.4
13
14.1
30
12.3
14
170
12.5
14.2
15
0.1
8
7.0
11.0
120
LBZX84C15LT1G
Y4
13.8
15
15.6
30
13.7
15.5
200
13.9
15.7
20
0.05
10.5
9.2
13.0
110
LBZX84C16LT1G
Y5
15.3
16
17.1
40
15.2
17
200
15.4
17.2
20
0.05
11.2
10.4
14.0
105
LBZX84C18LT1G
Y6
16.8
18
19.1
45
16.7
19
225
16.9
19.2
20
0.05
12.6
12.4
16.0
100
LBZX84C20LT1G
Y7
18.8
20
21.2
55
18.7
21.1
225
18.9
21.4
20
0.05
14
14.4
18.0
85
LBZX84C22LT1G
Y8
20.8
22
23.3
55
20.7
23.2
250
20.9
23.4
25
0.05
15.4
16.4
20.0
85
LBZX84C24LT1G
Y9
22.8
24
25.6
70
22.7
25.5
250
22.9
25.7
25
0.05
16.8
18.4
22.0
80
Device
Device
Marking
VZ1 Below
@IZT1 =2 mA
ZZT1
Below
@ IZT1 =
2 mA
VZ2 Below
@IZT2 = 0.1 m-
A
ZZT2
Below
@ IZT4 =
0.5 mA
VZ3 Below
@IZT3 =10 mA
ZZT3
Below
@ IZT3 =
10 mA
Max Reverse
Leakage
Current
qVZ
(mV/k) Below
@ IZT1 = 2 mA
C (pF)
@ VR = 0
f = 1 MHz
Min
Nom
Max
Min
Max
Min
Max
VR
(V)
IR
mA
@
Min
Max
LBZX84C27LT1G
Y10
25.1
27
28.9
80
25
28.9
300
25.2
29.3
45
0.05
18.9
21.4
25.3
70
LBZX84C30LT1G
Y11
28
30
32
80
27.8
32
300
28.1
32.4
50
0.05
21
24.4
29.4
70
LBZX84C33LT1G
Y12
31
33
35
80
30.8
35
325
31.1
35.4
55
0.05
23.1
27.4
33.4
70
LBZX84C36LT1G
Y13
34
36
38
90
33.8
38
350
34.1
38.4
60
0.05
25.2
30.4
37.4
70
LBZX84C39LT1G
Y14
37
39
41
130
36.7
41
350
37.1
41.5
70
0.05
27.3
33.4
41.2
45
LBZX84C43LT1G
Y15
40
43
46
150
39.7
46
375
40.1
46.5
80
0.05
30.1
37.6
46.6
40
LBZX84C47LT1G
Y16
44
47
50
170
43.7
50
375
44.1
50.5
90
0.05
32.9
42.0
51.8
40
LBZX84C51LT1G
Y17
48
51
54
180
47.6
54
400
48.1
54.6
100
0.05
35.7
46.6
57.2
40
LBZX84C56LT1G
Y18
52
56
60
200
51.5
60
425
52.1
60.8
110
0.05
39.2
52.2
63.8
40
LBZX84C62LT1G
Y19
58
62
66
215
57.4
66
450
58.2
67
120
0.05
43.4
58.8
71.6
35
LBZX84C68LT1G
Y20
64
68
72
240
63.4
72
475
64.2
73.2
130
0.05
47.6
65.6
79.8
35
LBZX84C75LT1G
Y21
70
75
79
255
69.4
79
500
70.3
80.2
140
0.05
52.5
73.4
88.6
35
Zener voltage is measured with a pulse test current I Z at an ambient temperature of 25°C.


Similar Part No. - LBZX84CLT1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBZX84C10LT1 LRC-LBZX84C10LT1 Datasheet
144Kb / 5P
   SEMICONDUCTOR, Zener Voltage Regulator Diodes
LBZX84C10LT1G LRC-LBZX84C10LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84C10LT1G LRC-LBZX84C10LT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C10LT1G LEIDITECH-LBZX84C10LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZX84C10LT3 LRC-LBZX84C10LT3 Datasheet
144Kb / 5P
   SEMICONDUCTOR, Zener Voltage Regulator Diodes
More results

Similar Description - LBZX84CLT1G_15

ManufacturerPart #DatasheetDescription
logo
Continental Device Indi...
MMSZ3V3 CDIL-MMSZ3V3 Datasheet
292Kb / 4P
   ZENER VOLTAGE REGULATOR DIODES
logo
Yea Shin Technology Co....
BZX84C2V4 YEASHIN-BZX84C2V4 Datasheet
776Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
SZB4.3A LRC-SZB4.3A Datasheet
128Kb / 4P
   Zener Voltage Regulator Diodes
logo
Shanghai Leiditech Elec...
LBZX84C2V4LT1G LEIDITECH-LBZX84C2V4LT1G Datasheet
756Kb / 5P
   Zener Voltage Regulator Diodes
logo
Leshan Radio Company
LBZB84C2V4LT1G LRC-LBZB84C2V4LT1G Datasheet
224Kb / 5P
   Zener Voltage Regulator Diodes
logo
Pan Jit International I...
AZD27C21 PANJIT-AZD27C21 Datasheet
358Kb / 5P
   VOLTAGE REGULATOR ZENER DIODES
logo
Shenzhen Taychipst Elec...
AZD27C21 TAYCHIPST-AZD27C21 Datasheet
4Mb / 2P
   VOLTAGE REGULATOR ZENER DIODES
logo
Leshan Radio Company
LBZX84XXXXLT1G LRC-LBZX84XXXXLT1G Datasheet
361Kb / 7P
   Zener Voltage Regulator Diodes
LBZX84C2V4LT1G LRC-LBZX84C2V4LT1G Datasheet
260Kb / 5P
   Zener Voltage Regulator Diodes
LBZX84CXXXLT1G LRC-LBZX84CXXXLT1G Datasheet
395Kb / 5P
   Zener Voltage Regulator Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com