Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD49335NPHNP Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HD49335NPHNP
Description  CDS/PGA & 10-bit A/D TG Converter
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD49335NPHNP Datasheet(HTML) 4 Page - Renesas Technology Corp

  HD49335NPHNP_15 Datasheet HTML 1Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 2Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 3Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 4Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 5Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 6Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 7Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 8Page - Renesas Technology Corp HD49335NPHNP_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
HD49335NP/HNP
Rev.1.0, Feb.12.2004, page 2 of 29
Pin Arrangement
48 47
39
46 45 44 43 42 41 40
38
36 35 34
37
12
10
3 4 5 6 7 8 9
11 12 13 14 15
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
(Top view)
AVDD
BLKC
CDS_in
AVDD
BLKFB
BLKSH
AVSS
Test2
Test1
DLL_C
DVDD1
MON
41cont
CS
SDATA
SCK
XV3
XV2
XV1
DVDD3
DVDD4
1/4clk_o
H2A
DVSS4
DVSS4
1/2clk_o
H1A
DVDD4
DVDD3
RG
Reset
VD_in
33
16
Pin Description
Pin No.
Symbol
Description
I/O
Analog(A) or
Digital(D)
Remarks
1
ID
Odd/even number line detecting pulse output pin
O
D
2 mA/10 pF
2
DVSS1,2
CDS Digital ground + ADC output buffer ground (0 V)
D
3 to 12
D0 to D9
Digital output (D0; LSB, D9; MSB)
O
D
2 mA/10 pF
13
DVDD2
ADC output buffer power supply (3 V)
D
14
DVSS3
General ground for TG (0 V)
D
15
CLK_in
CLK input (max 72 MHz)
I
D
16
HD_in
HD input
I/O
D
17
VD_in
VD input
I/O
D
18
Reset
Hardware reset (for DLL reset)
I
D
Schmitt trigger
19
RG
Reset gate pulse output
O
D
3 mA/10 pF
20
DVDD3
General power supply for TG (3 V)
D
21
DVDD4
H1 buffer power supply (3 V)
D
22
H1A
H.CCD transfer pulse output-1A
O
D
30 mA/165 pF
23
1/2clk_o
CLK_in 2 divided output. 3 divided output at 3 divided mode
O
D
2 mA/10 pF
24
DVSS4
H1 buffer ground (0 V)
D
25
DVSS4
H1 buffer ground (0 V)
D
26
H2A
H.CCD transfer pulse output-2A
O
D
30 mA/165 pF
27
1/4clk_o
CLK_in 4 divided output. 6 divided output at 3 divided mode
O
D
2 mA/10 pF
28
DVDD4
H2 buffer power supply (3 V)
D
29
DVDD3
General power supply for TG (3 V)
D


Similar Part No. - HD49335NPHNP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49335NP RENESAS-HD49335NP Datasheet
318Kb / 30P
   CDS/PGA & 10-bit A/D TG Converter
More results

Similar Description - HD49335NPHNP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD49335F RENESAS-HD49335F_15 Datasheet
354Kb / 32P
   CDS/PGA & 10-bit A/D TG Converter
HD49351BP RENESAS-HD49351BP_15 Datasheet
366Kb / 31P
   CDS/PGA & 10-bit A/D TG Converter
HD49351BP RENESAS-HD49351BP Datasheet
331Kb / 29P
   CDS/PGA & 10-bit A/D TG Converter
HD49335NP RENESAS-HD49335NP Datasheet
318Kb / 30P
   CDS/PGA & 10-bit A/D TG Converter
HD49335F RENESAS-HD49335F Datasheet
323Kb / 30P
   CDS/PGA AND 10-bit A/D TG Converter
HD49340NP RENESAS-HD49340NP Datasheet
232Kb / 22P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F Datasheet
240Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340F RENESAS-HD49340F_15 Datasheet
271Kb / 25P
   CDS/PGA & 10-bit A/D Converter
HD49334AF RENESAS-HD49334AF Datasheet
242Kb / 23P
   CDS/PGA & 10-bit A/D Converter
HD49340NP RENESAS-HD49340NP_15 Datasheet
258Kb / 24P
   CDS/PGA & 10-bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com