Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2834 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2834
Description  How to get the best ADC accuracy in STM32Fx Series and STM32L1 Series devices
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2834 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2834 Datasheet HTML 1Page - STMicroelectronics AN2834 Datasheet HTML 2Page - STMicroelectronics AN2834 Datasheet HTML 3Page - STMicroelectronics AN2834 Datasheet HTML 4Page - STMicroelectronics AN2834 Datasheet HTML 5Page - STMicroelectronics AN2834 Datasheet HTML 6Page - STMicroelectronics AN2834 Datasheet HTML 7Page - STMicroelectronics AN2834 Datasheet HTML 8Page - STMicroelectronics AN2834 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
DocID15067 Rev 2
5/45
AN2834
ADC internal principle
44
1
ADC internal principle
1.1
SAR ADC internal structure
The ADC in STM32x microcontrollers uses the SAR (successive approximation register)
principle, by which the conversion is performed in several steps. The number of conversion
steps is equal to the number of bits in the ADC converter. Each step is driven by the ADC
clock. Each ADC clock produces one bit from result to output. ADC internal design is a
switched-capacitor type.
The following figures (Figure 1 to Figure 6) explain the principle of ADC operation. The
example given below shows only the first steps of approximation but the process continues
till the LSB is reached.
Figure 1. Basic schematic of SAR switched-capacitor ADC (example for 10-bit ADC)
1. Basic ADC schematic with digital output.
S1
Sb
CLK
D
Q
CLR
PR
A
S2
Sa
VIN
ADC Data
ADC Clk
S3
S4
S5
S6
S7
S8
S9
C
C/2
C/4
C/8
C/16
C/32
C/64
C/128
C/256
ai17097
VREF
S10
S11
C/512
C/512


Similar Part No. - AN2834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2833 STMICROELECTRONICS-AN2833 Datasheet
2Mb / 32P
   Dual step-down controller with auxiliary voltages for industrial system power
AN2835 STMICROELECTRONICS-AN2835 Datasheet
796Kb / 21P
   This application note describes the electronic lamp ballast for 70 W high intensity discharge
AN2836 STMICROELECTRONICS-AN2836 Datasheet
2Mb / 57P
   Modern motion control applications need more flexibility that can be addressed
AN2837 STMICROELECTRONICS-AN2837 Datasheet
543Kb / 12P
   Positive to negative buck-boost converter
AN2838 STMICROELECTRONICS-AN2838 Datasheet
1Mb / 23P
   35 W wide-range high power factor flyback converter evaluation
More results

Similar Description - AN2834

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4073 STMICROELECTRONICS-AN4073 Datasheet
528Kb / 32P
   How to improve ADC accuracy when using STM32F2xx and STM32F4xx microcontrollers
AN4496 STMICROELECTRONICS-AN4496 Datasheet
371Kb / 18P
   How to get a high power factor with the HVLED815PF device
logo
Schneider Electric
IGP10S SCHNEIDER-IGP10S Datasheet
121Kb / 2P
   Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
logo
STMicroelectronics
UM0457 STMICROELECTRONICS-UM0457 Datasheet
382Kb / 9P
   How to use the BT_HTS_RX_R2
logo
Silicon Laboratories
AN746 SILABS-AN746 Datasheet
1Mb / 30P
   How to configure the Si4012
logo
Schneider Electric
IAP10S SCHNEIDER-IAP10S Datasheet
121Kb / 2P
   Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 26, 2022
IDP10S SCHNEIDER-IDP10S Datasheet
131Kb / 2P
   Accuracy of 짹0.05% of reading, best reference accuracy turndown on the market
Apr 25, 2022
logo
STMicroelectronics
AN1828 STMICROELECTRONICS-AN1828 Datasheet
225Kb / 17P
   The document explains how to design
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
AN4654 STMICROELECTRONICS-AN4654 Datasheet
645Kb / 32P
   Migrating between STM32L1 and STM32L0 series microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com