Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS10PH10 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS10PH10
Description  High Voltage Schottky Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10PH10 Datasheet(HTML) 3 Page - Vishay Siliconix

  SS10PH10_15 Datasheet HTML 1Page - Vishay Siliconix SS10PH10_15 Datasheet HTML 2Page - Vishay Siliconix SS10PH10_15 Datasheet HTML 3Page - Vishay Siliconix SS10PH10_15 Datasheet HTML 4Page - Vishay Siliconix SS10PH10_15 Datasheet HTML 5Page - Vishay Siliconix SS10PH10_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SS10PH9, SS10PH10
www.vishay.com
Vishay General Semiconductor
Revision: 06-Nov-13
3
Document Number: 89000
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise specified)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics Per Diode
Fig. 3 - Typical Instantaneous Forward Characteristics Per Diode
Fig. 4 - Typical Reverse Characteristics Per Diode
Fig. 5 - Typical Junction Capacitance Per Diode
Fig. 6 - Typical Transient Thermal Impedance Per Diode
10
12
8
6
4
2
0
25
50
75
100
125
150
175
Lead Temperature (°C)
Resistive or Inductive Load
T
L measured
at the Cathode Band Terminal
0
1.5
3.0
4.5
6.0
7.5
9.0
0
1
2
3
4
5
6
7
8
9
10
11
Average Forward Current (A)
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
D = t
p/T
t
p
T
0.01
0.1
1
10
100
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Instantaneous Forward Voltage (V)
T
A = 175 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
0.00001
0.0001
0.001
0.01
0.1
1
10
10
20
30
40
50
60
70
80
90
100
T
A = 175 °C
T
A = 150 °C
T
A = 125 °C
T
A = 25 °C
Percent of Rated Peak Reverse Voltage (%)
10
100
1000
0.1
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
Junction to Ambient
0.01
0.1
1
10
100
1
10
100
t - Pulse Duration (s)


Similar Part No. - SS10PH10_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10PH10-E3/86A VISHAY-SS10PH10-E3/86A Datasheet
90Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
24-Jul-06
SS10PH10-E3/86A VISHAY-SS10PH10-E3/86A Datasheet
111Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS10PH10-E3/87A VISHAY-SS10PH10-E3/87A Datasheet
90Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
24-Jul-06
SS10PH10-E3/87A VISHAY-SS10PH10-E3/87A Datasheet
111Kb / 5P
   High Current Density Surface Mount High-Voltage Schottky Rectifier
Revision: 30-Jul-08
SS10PH10-M3-86A VISHAY-SS10PH10-M3-86A Datasheet
97Kb / 5P
   High Current Density Surface Mount High Voltage Schottky Rectifiers
Revision: 19-Apr-11
More results

Similar Description - SS10PH10_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10100 VISHAY-MBR10100 Datasheet
125Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
logo
Shenzhen Taychipst Elec...
SB2H90 TAYCHIPST-SB2H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
SB5H90 TAYCHIPST-SB5H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
SB3H90 TAYCHIPST-SB3H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
SB1H90 VISHAY-SB1H90 Datasheet
24Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
MBRB10H100 VISHAY-MBRB10H100 Datasheet
114Kb / 3P
   High Voltage Schottky Rectifiers
01-Jul-02
SB2H100 VISHAY-SB2H100 Datasheet
31Kb / 2P
   High Voltage Schottky Rectifiers
25-Jun-02
logo
Shenzhen Taychipst Elec...
SB1H90 TAYCHIPST-SB1H90 Datasheet
14Mb / 2P
   High Voltage Schottky Rectifiers
logo
Vishay Siliconix
MBR20100CT VISHAY-MBR20100CT Datasheet
113Kb / 3P
   Dual High-Voltage Schottky Rectifiers
02-Jul-02
MBR30H90 VISHAY-MBR30H90 Datasheet
65Kb / 2P
   High-Voltage Dual Schottky Rectifiers
02-Jul-02
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com