Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS10P3CL Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS10P3CL
Description  Dual Common Cathode Schottky Rectifiers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS10P3CL Datasheet(HTML) 2 Page - Vishay Siliconix

  SS10P3CL_15 Datasheet HTML 1Page - Vishay Siliconix SS10P3CL_15 Datasheet HTML 2Page - Vishay Siliconix SS10P3CL_15 Datasheet HTML 3Page - Vishay Siliconix SS10P3CL_15 Datasheet HTML 4Page - Vishay Siliconix SS10P3CL_15 Datasheet HTML 5Page - Vishay Siliconix SS10P3CL_15 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
SS10P2CL, SS10P3CL
www.vishay.com
Vishay General Semiconductor
Revision: 14-Aug-13
2
Document Number: 89036
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: 300 μs pulse width, 1 % duty cycle
(2) Pulse test: Pulse width
 40 ms
Note
(1) Units mounted on recommended PCB 1 oz. pad layout
Note
(1) Automotive grade
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage
per diode
IF = 2.5 A
TA = 25 °C
VF (1)
0.391
-
V
IF = 5.0 A
0.440
0.52
IF = 2.5 A
TA = 125 °C
0.272
-
IF = 5.0 A
0.338
0.42
Reverse current per diode
Rated VR
TA = 25 °C
IR (2)
95
850
μA
TA = 125 °C
37
55
mA
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
560
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
SS10P2CL
SS10P3CL
UNIT
Typical thermal resistance per diode
RJA (1)
60
°C/W
RJL
3
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS10P3CL-M3/86A
0.10
86A
1500
7" diameter plastic tape and reel
SS10P3CL-M3/87A
0.10
87A
6500
13" diameter plastic tape and reel
SS10P3CLHM3/86A (1)
0.10
86A
1500
7" diameter plastic tape and reel
SS10P3CLHM3/87A (1)
0.10
87A
6500
13" diameter plastic tape and reel


Similar Part No. - SS10P3CL_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SS10P3CL-E3/86A VISHAY-SS10P3CL-E3/86A Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
SS10P3CL-E3/87A VISHAY-SS10P3CL-E3/87A Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
SS10P3CL-M3/86A VISHAY-SS10P3CL-M3/86A Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
SS10P3CL-M3/87A VISHAY-SS10P3CL-M3/87A Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
SS10P3CLHE3/86A VISHAY-SS10P3CLHE3/86A Datasheet
110Kb / 5P
   High Current Density Surface Mount Dual Common-Cathode Schottky Rectifiers
Revision: 30-Jul-08
More results

Similar Description - SS10P3CL_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR40H35CT VISHAY-MBR40H35CT_15 Datasheet
85Kb / 5P
   Dual Common Cathode Schottky Rectifiers
Revision: 13-Aug-13
MBR40H35CT VISHAY-MBR40H35CT_08 Datasheet
99Kb / 4P
   Dual Common-Cathode Schottky Rectifiers
Revision: 19-May-08
logo
Central Semiconductor C...
CRSH16D CENTRAL-CRSH16D Datasheet
368Kb / 3P
   DUAL, COMMON CATHODE SILICON SCHOTTKY RECTIFIERS
logo
Diotec Semiconductor
SBCT2020 DIOTEC-SBCT2020 Datasheet
119Kb / 2P
   Schottky Barrier Rectifiers - Common Cathode
SBCT1020 DIOTEC-SBCT1020 Datasheet
113Kb / 2P
   Schottky Barrier Rectifiers - Common Cathode
logo
Taiwan Semiconductor Co...
MBRS2045CT-Y TSC-MBRS2045CT-Y Datasheet
243Kb / 4P
   20A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBR1545CT-Y TSC-MBR1545CT-Y Datasheet
231Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
MBRF1545CT-Y TSC-MBRF1545CT-Y Datasheet
265Kb / 4P
   15A, 45V - 200V Dual Common Cathode Schottky Rectifiers
logo
GOOD-ARK Electronics
MBR10150CT GOOD-ARK-MBR10150CT Datasheet
183Kb / 3P
   Dual Common-Cathode High-Voltage Schottky Barrier Rectifiers
logo
Thinki Semiconductor Co...
MBR3035PT THINKISEMI-MBR3035PT Datasheet
591Kb / 2P
   30.0 Ampere Dual Common Cathode Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com