Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2606 Datasheet(PDF) 82 Page - STMicroelectronics

Part # AN2606
Description  STM32 microcontroller system memory boot mode
Download  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2606 Datasheet(HTML) 82 Page - STMicroelectronics

Back Button AN2606 Datasheet HTML 78Page - STMicroelectronics AN2606 Datasheet HTML 79Page - STMicroelectronics AN2606 Datasheet HTML 80Page - STMicroelectronics AN2606 Datasheet HTML 81Page - STMicroelectronics AN2606 Datasheet HTML 82Page - STMicroelectronics AN2606 Datasheet HTML 83Page - STMicroelectronics AN2606 Datasheet HTML 84Page - STMicroelectronics AN2606 Datasheet HTML 85Page - STMicroelectronics AN2606 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 155 page
background image
STM32F42xxx/43xxx devices bootloader
AN2606
82/155
DocID13801 Rev 21
The system clock is derived from the embedded internal high-speed RC for USARTx, I2Cx
and SPIx bootloaders. This internal clock is also used for CAN and DFU (USB FS Device)
but only for the selection phase. An external clock multiple of 1 MHz (between 4 and
26 MHz) is required for CAN and DFU bootloader execution after the selection phase.
DFU bootloader
USB
Enabled
USB OTG FS configured in Forced Device
mode
USB_DM pin
Input/Output
PA11: USB DM line.
USB_DP pin
PA12: USB DP line
No external Pull-up resistor is required
CAN2 and DFU
bootloaders
TIM11
Enabled
This timer is used to determine the value of
the HSE. Once the HSE frequency is
determined, the system clock is configured
to 60 MHz using PLL and HSE.
Table 40. STM32F42xxx/43xxx configuration in System memory boot mode (continued)
Bootloader
Feature/Peripheral
State
Comment


Similar Part No. - AN2606

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
AN26065A PANASONICBATTERY-AN26065A Datasheet
507Kb / 31P
   UMTS Triple Band LNA-IC (Band I, II, IV, IX / V, XIII)
More results

Similar Description - AN2606

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4989 STMICROELECTRONICS-AN4989 Datasheet
5Mb / 99P
   STM32 microcontroller debug toolbox
June 2017 Rev 2
logo
AMIC Technology
A290011A AMICC-A290011A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A290021 AMICC-A290021_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29001A AMICC-A29001A Datasheet
388Kb / 33P
   Boot Sector Flash Memory
A29002 AMICC-A29002_15 Datasheet
398Kb / 35P
   Boot Sector Flash Memory
A29801A AMICC-A29801A Datasheet
490Kb / 40P
   Boot Sector Flash Memory
A29L320A AMICC-A29L320A Datasheet
558Kb / 48P
   Boot Sector Flash Memory
A29800A AMICC-A29800A Datasheet
489Kb / 40P
   Boot Sector Flash Memory
A29160A AMICC-A29160A Datasheet
509Kb / 43P
   Boot Sector Flash Memory
A29L800B AMICC-A29L800B Datasheet
445Kb / 37P
   Boot Sector Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com