Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KTC3770S Datasheet(PDF) 3 Page - KEC(Korea Electronics)

Part # KTC3770S
Description  EPITAXIAL PLANAR NPN TRANSISTOR (VHF/UHF WIDE BAND AMPLIFIER)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTC3770S Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KTC3770S Datasheet HTML 1Page - KEC(Korea Electronics) KTC3770S Datasheet HTML 2Page - KEC(Korea Electronics) KTC3770S Datasheet HTML 3Page - KEC(Korea Electronics) KTC3770S Datasheet HTML 4Page - KEC(Korea Electronics) KTC3770S Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2003. 2. 12
3/5
KTC3770S
Revision No : 1
COLLECTOR CURRENT I
(mA)
NF - I
C
COLLECTOR-EMITTER VOLTGE V
(V)
CE
C
V
=10V
0
1
2
3
4
5
100
30
10
3
1
0.5
CE
I =20mA
C
0
S
- V
2le
CE
2
24
6
8
10
f=1.0GHz
f=1.0GHz
0
3
6
9
12
15
f (MHz)
|S11|
S11
|S21|
S21
|S12|
S12
|S22|
S22
200
0.651
-69.3
10.616
129.3
0.051
59.2
0.735
-28.1
400
0.467
-113.3
6.856
104.4
0.071
54.4
0.550
-34.1
600
0.391
-139.3
4.852
90.9
0.086
56.0
0.468
-33.9
800
0.360
-159.2
3.802
81.2
0.101
59.1
0.426
-33.6
1000
0.360
-176.9
3.098
72.9
0.118
61.0
0.397
-35.7
1200
0.361
172.7
2.646
67.3
0.137
63.5
0.373
-38.3
1400
0.381
160.3
2.298
59.3
0.157
63.3
0.360
-43.0
1600
0.398
152.2
2.071
55.2
0.180
64.1
0.337
-45.9
1800
0.423
143.3
1.836
49.0
0.203
63.7
0.320
-52.3
2000
0.445
137.6
1.689
46.2
0.220
64.7
0.302
-52.2
S-PARAMETER
(VCE=10V, IC=5mA, ZO=50 )
(VCE=10V, IC=20mA, ZO=50 )
f (MHz)
|S11|
S11
|S21|
S21
|S12|
S12
|S22|
S22
200
0.339
-107.0
16.516
108.7
0.035
66.1
0.459
-36.6
400
0.258
-147.3
8.928
92.1
0.060
71.0
0.343
-32.9
600
0.243
-167.7
6.022
83.0
0.085
71.9
0.305
-29.9
800
0.242
177.0
4.633
76.2
0.109
72.2
0.284
-29.4
1000
0.260
164.5
3.744
69.9
0.136
70.4
0.266
-31.7
1200
0.269
157.6
3.193
65.7
0.160
69.9
0.246
-35.0
1400
0.294
148.7
2.750
58.8
0.187
66.7
0.233
-40.4
1600
0.314
143.1
2.479
55.5
0.212
65.2
0.208
-43.6
1800
0.343
136.5
2.185
50.1
0.238
62.4
0.190
-50.5
2000
0.367
131.4
2.016
47.8
0.254
61.6
0.173
-48.3


Similar Part No. - KTC3770S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3770S KEC-KTC3770S Datasheet
376Kb / 1P
   SOT-23 PACKAGE
KTC3770S_0309 KEC-KTC3770S_0309 Datasheet
376Kb / 1P
   SOT-23 PACKAGE
KTC3770S KEC-KTC3770S_15 Datasheet
404Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR
More results

Similar Description - KTC3770S

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KTC3770U KEC-KTC3770U Datasheet
438Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR (VHF/UHF WIDE BAND AMPLIFIER)
KTC3790S KEC-KTC3790S Datasheet
493Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER APPLICATION
KTC3600S KEC-KTC3600S Datasheet
503Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER APPLICATION
KTC3770UL KEC-KTC3770UL Datasheet
504Kb / 5P
   EPITAXIAL PLANAR NPN TRANSISTOR VHF/UHF WIDE BAND AMPLIFIER APPLICATION
logo
Hitachi Semiconductor
2SC5631 HITACHI-2SC5631 Datasheet
75Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5759 HITACHI-2SC5759 Datasheet
92Kb / 13P
   Silicon NPN Epitaxial UHF / VHF wide band amplifier
2SC5812 HITACHI-2SC5812 Datasheet
94Kb / 10P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
logo
Renesas Technology Corp
2SC5772 RENESAS-2SC5772 Datasheet
137Kb / 13P
   Silicon NPN Epitaxial VHF/UHF wide band amplifier
2SC5631 RENESAS-2SC5631 Datasheet
118Kb / 10P
   Silicon NPN Epitaxial UHF / VHF Wide Band Amplifier
2SC5544 RENESAS-2SC5544 Datasheet
197Kb / 8P
   Silicon NPN Epitaxial VHF / UHF wide band amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com