Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC02BTELL Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RD74LVC02BTELL
Description  Quad. 2-input NOR Gates
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC02BTELL Datasheet(HTML) 4 Page - Renesas Technology Corp

  RD74LVC02BTELL Datasheet HTML 1Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 2Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 3Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 4Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 5Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 6Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 7Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 8Page - Renesas Technology Corp RD74LVC02BTELL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
RD74LVC02B
Rev.1.00, May 11, 2004, page 2 of 7
Pin Arrangement
(Top view)
11
12
13
14 VCC
4Y
4B
4A
3Y
3B
1
2
3
4
5
6
7
8
9
10
1Y
GND
3A
1A
1B
2Y
2A
2B
Absolute Maximum Ratings
Item
Symbol
Ratings
Unit
Conditions
Supply voltage
VCC
–0.5 to 7.0
V
Input diode current
IIK
–50
mA
VI = –0.5 V
Input voltage
VI
–0.5 to 7.0
V
–50
mA
VO = –0.5 V
Output diode current
IOK
50
mA
VO = VCC+0.5 V
Output voltage
VO
–0.5 to VCC+0.5
V
Output current
IO
±50
mA
VCC, GND current / pin
ICC or IGND
100
mA
Storage temperature
Tstg
–65 to +150
°C
Note:
The absolute maximum ratings are values, which must not individually be exceeded, and furthermore, no two of
which may be realized at the same time.


Similar Part No. - RD74LVC02BTELL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC02BTELL RENESAS-RD74LVC02BTELL Datasheet
69Kb / 8P
   Quad. 2-input NOR Gates
More results

Similar Description - RD74LVC02BTELL

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM7402 FAIRCHILD-DM7402 Datasheet
33Kb / 3P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
RD74LVC02B RENESAS-RD74LVC02B Datasheet
69Kb / 8P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74LV02A HITACHI-HD74LV02A Datasheet
52Kb / 13P
   Quad. 2-input NOR Gates
logo
National Semiconductor ...
5402 NSC-5402 Datasheet
93Kb / 4P
   Quad 2-Input NOR Gates
54LS02 NSC-54LS02 Datasheet
120Kb / 6P
   Quad 2-Input NOR Gates
logo
Renesas Technology Corp
HD74LV02A RENESAS-HD74LV02A Datasheet
65Kb / 8P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02 Datasheet
91Kb / 7P
   Quad. 2-input NOR Gates
HD74HC02 RENESAS-HD74HC02_15 Datasheet
123Kb / 9P
   Quad. 2-input NOR Gates
logo
Hitachi Semiconductor
HD74HC02 HITACHI-HD74HC02 Datasheet
46Kb / 8P
   Quad. 2-input NOR Gates
logo
Renesas Technology Corp
HD74LVC02 RENESAS-HD74LVC02 Datasheet
177Kb / 6P
   Quad. 2-input NOR Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com