Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD74LVC04B Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # RD74LVC04B
Description  Hex Inverters
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RD74LVC04B Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RD74LVC04B_15 Datasheet HTML 2Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 3Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 4Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 5Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 6Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 7Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 8Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 9Page - Renesas Technology Corp RD74LVC04B_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RD74LVC04B
Rev.1.00, Apr.08.2004, page 6 of 7
Test Circuit
Input
Pulse Generator
Z
= 50
out
VCC
Output
CL
RL
Note:
1.
CL includes probe and jig capacitance.
Waveforms
VOH
VOL
Input A
10 %
GND
90 %
tr
tf
90 %
10 %
Output Y
tPHL
tPLH
VIH
Vref
Vref
Vref
Vref
1.5 V
1.5 V
Vref
CL
RL
1/2 VCC 30 pF 1.0 kΩ
500 Ω
500 Ω
500 Ω
500 Ω
30 pF
50 pF
50 pF
50 pF
1/2 VCC
1/2 VCC
2.7 V
2.7 V
INPUTS
VCC
VCC
VCC
VIH
tr/tf
VCC = 1.8±0.15 V
VCC = 2.5±0.2 V
VCC = 3.3±0.3 V
VCC = 5.0±0.5 V
VCC = 2.7 V
VCC (V)
2 ns
2 ns
2.5 ns
2.5 ns
2.5 ns
Note:
1.
Input waveform : PRR = 10 MHz, duty cycle 50%.


Similar Part No. - RD74LVC04B_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RD74LVC04BFPEL RENESAS-RD74LVC04BFPEL Datasheet
66Kb / 8P
   Hex Inverters
RD74LVC04BTELL RENESAS-RD74LVC04BTELL Datasheet
66Kb / 8P
   Hex Inverters
More results

Similar Description - RD74LVC04B_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com