Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT3484-0 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3484-0
Description  Photoflash Capacitor Chargers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3484-0 Datasheet(HTML) 2 Page - Linear Technology

  LT3484-0_15 Datasheet HTML 1Page - Linear Technology LT3484-0_15 Datasheet HTML 2Page - Linear Technology LT3484-0_15 Datasheet HTML 3Page - Linear Technology LT3484-0_15 Datasheet HTML 4Page - Linear Technology LT3484-0_15 Datasheet HTML 5Page - Linear Technology LT3484-0_15 Datasheet HTML 6Page - Linear Technology LT3484-0_15 Datasheet HTML 7Page - Linear Technology LT3484-0_15 Datasheet HTML 8Page - Linear Technology LT3484-0_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT3484-0/LT3484-1/LT3484-2
2
3484012f
VIN Voltage .............................................................. 16V
VBAT Voltage ............................................................ 16V
SW Voltage ................................................... –1V to 50V
SW Pin Negative Current ...................................... –0.5A
CHARGE Voltage ...................................................... 10V
DONE Voltage .......................................................... 10V
Current into DONE Pin ..........................................
±1mA
Maximum Junction Temperature .......................... 125
°C
Operating Temperature Range .................–40
°C to 85°C
Storage Temperature Range ..................–65
°C to 150°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = VBAT = VCHARGE = 3V, unless otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
Not Switching
5
8
mA
VCHARGE = 0V
0
1
µA
VCC Voltage Range
2.5
16
V
VBAT Voltage Range
1.7
16
V
Switch Current Limit
LT3484-0
1.1
1.2
1.3
A
LT3484-2
0.75
0.85
0.95
A
LT3484-1
0.45
0.55
0.65
A
Switch VCESAT
LT3484-0, ISW = 1A
330
430
mV
LT3484-2, ISW = 650mA
210
280
mV
LT3484-1, ISW = 400mA
150
200
mV
VOUT Comparator Trip Voltage
Measured as VSW – VIN
31
31.5
32
V
VOUT Comparator Overdrive
300ns Pulse Width
200
400
mV
DCM Comparator Trip Voltage
Measured as VSW – VIN
10
60
120
mV
CHARGE Pin Current
VCHARGE = 3V
65
100
µA
VCHARGE = 0V
0
0.1
µA
Switch Leakage Current
VIN = VSW = 5V, in Shutdown
0.01
1
µA
CHARGE Input Voltage High
1V
CHARGE Input Voltage Low
0.3
V
DONE Output Signal High
100k
Ω from VIN to DONE
3
V
DONE Output Signal Low
33
µA into DONE Pin
100
200
mV
DONE Leakage Current
VDONE = 3V, DONE NPN Off
20
100
nA
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
TJMAX = 125°C θJA = 73.5°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
ORDER PART NUMBER
DCB6 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT3484EDCB-0
LT3484EDCB-1
LT3484EDCB-2
LBTM
LBTN
LBTP
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
TOP VIEW
VBAT
SW
SW
DONE
CHARGE
VIN
DCB6 PACKAGE
6-LEAD (2mm
× 3mm) PLASTIC DFN
4
5
7
6
3
2
1


Similar Part No. - LT3484-0_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
logo
Analog Devices
LT3484-0 AD-LT3484-0 Datasheet
1Mb / 16P
   Capacitor Charger Controller
More results

Similar Description - LT3484-0_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3484-0 LINER-LT3484-0 Datasheet
450Kb / 12P
   Photoflash Capacitor Chargers
LT3484-1 LINER-LT3484-1_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3484-2 LINER-LT3484-2_15 Datasheet
456Kb / 12P
   Photoflash Capacitor Chargers
LT3468-2 LINER-LT3468-2 Datasheet
455Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-2 LINER-LT3468-2_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468 LINER-LT3468_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3468-1 LINER-LT3468-1_15 Datasheet
459Kb / 12P
   Photoflash Capacitor Chargers in ThinSOT
LT3420-1 LINER-LT3420-1_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420_15 Datasheet
252Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
LT3420 LINER-LT3420 Datasheet
368Kb / 20P
   Photoflash Capacitor Chargers with Automatic Refresh
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com