Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV138A Datasheet(PDF) 7 Page - Renesas Technology Corp

Part No. HD74LV138A
Description  3-to-8-line Decoder / Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HD74LV138A Datasheet(HTML) 7 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74ALV138A
Rev.1.00 Aug. 23.2004, page 5 of 6
Noise Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
Quiet output, maximum
dynamic VOL
VOL (P)
3.3
0.3
0.8
V
Quiet output, minimum
dynamic VOL
VOL (V)
3.3
–0.2
–0.8
V
Quiet output, minimum
dynamic VOH
VOH (V)
3.3
3.0
V
High-level dynamic input
voltage
VIH (D)
3.3
2.31
V
Low-level dynamic input
voltage
VIL (D)
3.3
——0.99
V
Test Circuit
L
*
C includes the probe and fig capacitance.
Note:
Measurement point
C
L
tPLH
tPHL
VOH
VOL
0 V
VCC
VOH
VOL
tPHL
tPLH
10%
90%
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
50% VCC
10%
90%
• Waveform
Input
In phase output
Out of phase output
tr
tf
1. Input waveform: PRR
≤ 1 MHz, Zo = 50 Ω, t ≤ 3 ns, t ≤ 3 ns
2. The output are measured one at a time with one transition per measurement.
Notes:
rf


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn