Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HD74LV138A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HD74LV138A
Description  3-to-8-line Decoder / Demultiplexer
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HD74LV138A Datasheet(HTML) 6 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
HD74ALV138A
Rev.1.00 Aug. 23.2004, page 4 of 6
Switching Characteristics
VCC = 2.5 ± 0.2 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
7.5
17.6
1.0
21.0
CL = 15 pF
10.0
21.4
1.0
25.0
CL = 50 pF
A, B or C
7.5
19.2
1.0
22.0
CL = 15 pF
10.0
22.6
1.0
26.0
CL = 50 pF
G1
8.0
18.2
1.0
21.0
CL = 15 pF
Propagation
delay time
tPLH/tPHL
10.5
22.0
1.0
25.0
ns
CL = 50 pF
G2A or G2B
Y
VCC = 3.3 ± 0.3 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
5.5
11.4
1.0
13.5
CL = 15 pF
7.5
15.8
1.0
18.0
CL = 50 pF
A, B or C
5.5
12.8
1.0
15.0
CL = 15 pF
7.5
16.3
1.0
18.5
CL = 50 pF
G1
6.0
11.4
1.0
13.5
CL = 15 pF
Propagation
delay time
tPLH/tPHL
7.5
14.9
1.0
17.0
ns
CL = 50 pF
G2A or G2B
Y
VCC = 5.0 ± 0.5 V
Ta = 25°C
Ta = –40 to 85°C
Item
Symbol
Min
Typ
Max
Min
Max
Unit
Test
Conditions
FROM
(Input)
TO
(Output)
4.0
8.1
1.0
9.5
CL = 15 pF
5.5
10.1
1.0
11.5
CL = 50 pF
A, B or C
4.0
8.1
1.0
9.5
CL = 15 pF
5.5
10.1
1.0
11.5
CL = 50 pF
G1
4.5
8.1
1.0
9.5
CL = 15 pF
Propagation
delay time
tPLH/tPHL
5.5
10.1
1.0
11.5
ns
CL = 50 pF
G2A or G2B
Y
Operating Characteristics
CL = 50 pF
Ta = 25°C
Item
Symbol
VCC (V)
Min
Typ
Max
Unit
Test Conditions
3.3
16.8
Power dissipation capacitance
CPD
5.0
19.1
pF
f = 10 MHz


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn