Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1673 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1673
Description  Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1673 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1673 Datasheet HTML 4Page - Linear Technology LT1673 Datasheet HTML 5Page - Linear Technology LT1673 Datasheet HTML 6Page - Linear Technology LT1673 Datasheet HTML 7Page - Linear Technology LT1673 Datasheet HTML 8Page - Linear Technology LT1673 Datasheet HTML 9Page - Linear Technology LT1673 Datasheet HTML 10Page - Linear Technology LT1673 Datasheet HTML 11Page - Linear Technology LT1673 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
LT1672/LT1673/LT1674
Start-Up Characteristics
Micropower op amps are sometimes not micropower
during start-up, wreaking havoc on low current supplies.
In the worst case, there may not be enough supply current
available to take the system up to nominal voltages. Figure
1 is a graph of LT1673 supply current vs supply voltage
for the three limit cases of input offset that could occur
during start-up. The circuits are shown in Figure 2. One
circuit creates a positive offset, forcing the output to come
up saturated high. Another circuit creates a negative
offset, forcing the output to come up saturated low, while
the last brings up the output at half supply. In all cases, the
supply current is well behaved. Supply current is highest
with the output forced high, so if one amplifier is unused,
it is best to force the output low or at half supply.
APPLICATIO S I FOR ATIO
TOTAL SUPPLY VOLTAGE (V)
0
5
4
3
2
1
0
4
1672/3/4 FO1
1
2
3
5
OUTPUT VS/2
OUTPUT HIGH
OUTPUT LOW
Figure 1. Start-Up Characteristics
16/2/3/4 F02
OUTPUT HIGH
V+
V
V
V
V+
V+
+
OUTPUT AT VS/2
+
OUTPUT LOW
+
820k
200k
Figure 2. Circuits for Start-Up Characteristics
Reverse Battery
The LT1672/LT1673/LT1674 are protected against reverse
battery voltages up to 18V. In the event a reverse battery
condition occurs, the supply current is typically less than
100nA (inputs grounded and outputs open). For typical
single supply applications with ground referred loads and
feedback networks, no other precautions are required. If
the reverse battery condition results in a negative voltage
at either the input pins or output pin, the current into the
pin should be limited by an external resistor to less than
10mA.
Inputs
While the LT1672/LT1673/LT1674 will function normally
with its inputs taken above the positive supply, the com-
mon mode range does not extend beyond approximately
300mV below the negative supply at room temperature.
Small-Signal Response
Small-Signal Response
Large-Signal Response
TYPICAL PERFORMANCE CHARACTERISTICS
VS = ±15V
CL = 100pF
AV = 5
VS = 5V
CL = 100pF
AV = 5
VS = 5V
CL = 100pF
AV = 5
1672/3/4 G19
1672/3/4 G20
1672/3/4 G21


Similar Part No. - LT1673

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1673 LINER-LT1673 Datasheet
211Kb / 12P
   2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
LT1673 LINER-LT1673 Datasheet
237Kb / 22P
   Ultralow Voltage Step-Up Converter
LT1673 LINER-LT1673 Datasheet
258Kb / 24P
   Ultralow Voltage Step-Up Converter
LT1673 LINER-LT1673 Datasheet
244Kb / 24P
   Auto-Polarity, Ultralow Voltage Step-Up Converter
LT1673CN8 LINER-LT1673CN8 Datasheet
211Kb / 12P
   2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
More results

Similar Description - LT1673

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1674 LINER-LT1674_15 Datasheet
220Kb / 12P
   Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672_15 Datasheet
220Kb / 12P
   Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1490A LINER-LT1490A_1 Datasheet
343Kb / 16P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1491A LINER-LT1491A_15 Datasheet
234Kb / 18P
   Dual/Quad Over-The-Top Micropower Rail-to-Rail Input and Output Op Amps
LT1495 LINER-LT1495_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494 Datasheet
262Kb / 16P
   1.5UA Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1494 LINER-LT1494_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1496 LINER-LT1496_15 Datasheet
264Kb / 16P
   1.5A Max, Single, Dual and Quad Over-The-Top Precision Rail-to-Rail Input and Output Op Amps
LT1672 LINER-LT1672 Datasheet
211Kb / 12P
   2MMax, AV=>5 SINGLE, DUAL AND QUAD OVER-THE-TOP PRECISION RAIL-TO-RAIL INPUT AND OUTPUT OP AMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com