Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1580-2.5 Datasheet(PDF) 3 Page - Linear Technology

Part # LT1580-2.5
Description  7A, Very Low Dropout Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1580-2.5 Datasheet(HTML) 3 Page - Linear Technology

  LT1580-2.5 Datasheet HTML 1Page - Linear Technology LT1580-2.5 Datasheet HTML 2Page - Linear Technology LT1580-2.5 Datasheet HTML 3Page - Linear Technology LT1580-2.5 Datasheet HTML 4Page - Linear Technology LT1580-2.5 Datasheet HTML 5Page - Linear Technology LT1580-2.5 Datasheet HTML 6Page - Linear Technology LT1580-2.5 Datasheet HTML 7Page - Linear Technology LT1580-2.5 Datasheet HTML 8Page - Linear Technology LT1580-2.5 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT1580/LT1580-2.5
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Load Regulation: LT1580-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 0mA to 7A
q
15
mV
LT1580 (VADJ = 0V)
VCONTROL = 2.75V, VPOWER = 2.1V, ILOAD = 10mA to 7A
q
15
mV
Minimum Load Current: LT1580
VCONTROL = 5V, VPOWER = 3.3V, VADJ = 0V (Note 3)
q
510
mA
Control Pin Current: LT1580-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 100mA, 0°C ≤ TJ ≤ 125°C6
10
mA
(Note 4)
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 100mA, – 40°C ≤ TJ < 0°C12
mA
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 4A, 0°C ≤ TJ ≤ 125°C30
60
mA
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 4A, – 40°C ≤ TJ < 0°C70
mA
VCONTROL = 5V, VPOWER = 3V, ILOAD = 4A, 0°C ≤ TJ ≤ 125°C33
70
mA
VCONTROL = 5V, VPOWER = 3V, ILOAD = 4A, – 40°C ≤ TJ < 0°C80
mA
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
60
120
mA
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 6.5A, – 40°C ≤ TJ < 0°C
130
mA
Control Pin Current: LT1580
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 100mA, 0°C ≤ TJ ≤ 125°C6
10
mA
(Note 4)
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 100mA, – 40°C ≤ TJ < 0°C12
mA
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 4A, 0°C ≤ TJ ≤ 125°C30
60
mA
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 4A, – 40°C ≤ TJ < 0°C70
mA
VCONTROL = 2.75V, VPOWER = 1.75V, ILOAD = 4A, 0°C ≤ TJ ≤ 125°C33
70
mA
VCONTROL = 2.75V, VPOWER = 1.75V, ILOAD = 4A, – 40°C ≤ TJ < 0°C80
mA
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
60
120
mA
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 6.5A, – 40°C ≤ TJ < 0°C
130
mA
Ground Pin Current: LT1580-2.5
VCONTROL = 5V, VPOWER = 3.3V, ILOAD = 0mA
q
610
mA
ADJ Pin Current: LT1580 (VADJ = 0V)
VCONTROL = 2.75V, VPOWER = 2.05V, ILOAD = 10mA
q
50
120
µA
Current Limit: LT1580-2.5
VCONTROL = 5V, VPOWER = 3.3V, ∆VOUT = 100mV, 0°C ≤ TJ ≤ 125°C
7.1
8
A
VCONTROL = 5V, VPOWER = 3.3V, ∆VOUT = 100mV, – 40°C ≤ TJ < 0°C
6.6
A
LT1580 (VADJ = 0V)
VCONTROL = 2.75V, VPOWER = 2.05V, ∆VOUT = 100mV, 0°C ≤ TJ ≤ 125°C
7.1
8
A
VCONTROL = 2.75V, VPOWER = 2.05V, ∆VOUT = 100mV, – 40°C ≤ TJ < 0°C
6.6
A
Ripple Rejection: LT1580-2.5
VC = VP = 5V Avg, VRIPPLE = 1VP-P, IOUT = 4A, TJ = 25°C60
80
dB
LT1580
VC = VP = 3.75V Avg, VRIPPLE = 1VP-P, VADJ = 0V, IOUT = 4A, TJ = 25°C60
80
dB
Thermal Regulation
30ms Pulse
0.002
0.020
%/W
Thermal Resistance, Junction-to-Case T, T7 Packages, Control Circuitry/Power Transistor
0.65/2.70
°C/W
Dropout Voltage (Note 2)
Minimum VCONTROL: LT1580-2.5
VPOWER = 3.3V, ILOAD = 100mA, 0°C ≤ TJ ≤ 125°C
1.00
1.15
V
(VCONTROL – VOUT)VPOWER = 3.3V, ILOAD = 100mA, – 40°C ≤ TJ < 0°C
1.20
V
VPOWER = 3.3V, ILOAD = 1A, 0°C ≤ TJ ≤ 125°C
1.00
1.15
V
VPOWER = 3.3V, ILOAD = 1A, – 40°C ≤ TJ < 0°C
1.20
V
VPOWER = 3.3V, ILOAD = 4A, 0°C ≤ TJ ≤ 125°C
1.06
1.20
V
VPOWER = 3.3V, ILOAD = 4A, – 40°C ≤ TJ < 0°C
1.25
V
VPOWER = 3.3V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
1.15
1.30
V
VPOWER = 3.3V, ILOAD = 6.5A, – 40°C ≤ TJ < 0°C
1.35
V
Minimum VCONTROL: LT1580
VPOWER = 2.05V, ILOAD = 100mA, 0°C ≤ TJ ≤ 125°C
1.00
1.15
V
(VCONTROL – VOUT)VPOWER = 2.05V, ILOAD = 100mA, – 40°C ≤ TJ < 0°C
1.20
V
(VADJ = 0V)
VPOWER = 2.05V, ILOAD = 1A, 0°C ≤ TJ ≤ 125°C
1.00
1.15
V
VPOWER = 2.05V, ILOAD = 1A, – 40°C ≤ TJ < 0°C
1.20
V
VPOWER = 2.05V, ILOAD = 2.75A, 0°C ≤ TJ ≤ 125°C
1.05
1.18
V
VPOWER = 2.05V, ILOAD = 2.75A, – 40°C ≤ TJ < 0°C
1.23
V
VPOWER = 2.05V, ILOAD = 4A, 0°C ≤ TJ ≤ 125°C
1.06
1.20
V
VPOWER = 2.05V, ILOAD = 4A, – 40°C ≤ TJ < 0°C
1.25
V
VPOWER = 2.05V, ILOAD = 7A, 0°C ≤ TJ ≤ 125°C
1.15
1.30
V
VPOWER = 2.05V, ILOAD = 6.5A, – 40°C ≤ TJ < 0°C
1.35
V


Similar Part No. - LT1580-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580-2.5 LINER-LT1580-2.5 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
More results

Similar Description - LT1580-2.5

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1580 LINER-LT1580 Datasheet
308Kb / 16P
   7A, Very Low Dropout Regulator
LT1580 LINER-LT1580_15 Datasheet
244Kb / 16P
   7A, Very Low Dropout Regulator
logo
Microsemi Corporation
LX8580 MICROSEMI-LX8580 Datasheet
124Kb / 4P
   7A VERY LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
AMC7580 ETC1-AMC7580 Datasheet
511Kb / 12P
   7A LOW DROPOUT REGULATOR
AMC7584 ETC1-AMC7584 Datasheet
344Kb / 7P
   7A LOW DROPOUT REGULATOR
logo
Global Mixed-mode Techn...
G977 GMT-G977 Datasheet
62Kb / 1P
   7A Low Dropout Regulator with Enable
logo
Advanced Power Electron...
APE8957 A-POWER-APE8957 Datasheet
326Kb / 6P
   7A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1584 FAIRCHILD-RC1584 Datasheet
61Kb / 12P
   7A Adjustable/Fixed Low Dropout Linear Regulator
logo
Analog Devices
LT3033 AD-LT3033 Datasheet
3Mb / 24P
   Very Low Dropout Linear Regulator
logo
New Japan Radio
NJM2842 NJRC-NJM2842 Datasheet
219Kb / 11P
   Very Low Output Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com