Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT1236 Datasheet(PDF) 11 Page - Linear Technology

Part # LT1236
Description  Precision Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1236 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT1236_15 Datasheet HTML 4Page - Linear Technology LT1236_15 Datasheet HTML 5Page - Linear Technology LT1236_15 Datasheet HTML 6Page - Linear Technology LT1236_15 Datasheet HTML 7Page - Linear Technology LT1236_15 Datasheet HTML 8Page - Linear Technology LT1236_15 Datasheet HTML 9Page - Linear Technology LT1236_15 Datasheet HTML 10Page - Linear Technology LT1236_15 Datasheet HTML 11Page - Linear Technology LT1236_15 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
LT1236
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no represen-
tation that the interconnection of its circuits as described herein will not infringe on existing patent rights.
TYPICAL APPLICATIONS
Ultra-Linear Platinum Temperature Sensor*
EQUIVALE T SCHE ATIC
D1
D2
D3
R1
R2
GND
LT1236 ES
Q1
Q2
D4
6.3V
OUTPUT
+
A1
INPUT
Q3
LT1236-10
OUT
IN
GND
LT1236 TA09
+
RS
100
Ω AT
0
°C
R4
4.75k
1%
R5
200k
1%
R6
619k
1%
7
4
6
2
3
LT1001
–15V
20V
R13
24.3k
R12
1k
R15
10k
R14
5k
Rf**
654k
R11
6.65M
1%
R10
182k
1%
R2*
5k
R1**
253k
R3**
5k
R9
100k
R8
10M
–15V
VOUT =100mV/°C
–50
°C ≤ T ≤ 150°C
R7
392k
1%
20V
STANDARD INDUSTRIAL 100
Ω PLATINUM 4-WIRE SENSOR,
ROSEMOUNT 78S OR EQUIVALENT.
α = 0.00385
TRIM R9 FOR VOUT = 0V AT 0°C
TRIM R12 FOR VOUT = 10V AT 100°C
TRIM R14 FOR VOUT = 5V AT 50°C
USE TRIM SEQUENCE AS SHOWN. TRIMS ARE NONINTERACTIVE
SO THAT ONLY ONE TRIM SEQUENCE IS NORMALLY REQUIRED.
FEEDBACK LINEARIZES OUTPUT TO
± 0.005°C FROM
–50
°C TO 150°C
WIREWOUND RESISTORS WITH LOW TC
*
**


Similar Part No. - LT1236_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1236-10 LINER-LT1236-10 Datasheet
262Kb / 12P
   Precision Reference
More results

Similar Description - LT1236_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1021DCN8-10 LINEAR_DIMENSIONS-LT1021DCN8-10 Datasheet
238Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM199 NSC-LM199_05 Datasheet
651Kb / 10P
   Precision Reference
logo
Linear Technology
LM199 LINER-LM199 Datasheet
296Kb / 5P
   Precision Reference
logo
National Semiconductor ...
LM329 NSC-LM329_08 Datasheet
197Kb / 8P
   Precision Reference
logo
Linear Dimensions Semic...
LT1236ACS8-5PBF LINEAR_DIMENSIONS-LT1236ACS8-5PBF Datasheet
230Kb / 12P
   Precision Reference
logo
Linear Technology
LT1021 LINER-LT1021_05 Datasheet
228Kb / 16P
   Precision Reference
logo
National Semiconductor ...
LM129 NSC-LM129 Datasheet
165Kb / 10P
   Precision Reference
logo
Linear Technology
LT1236 LINER-LT1236 Datasheet
262Kb / 12P
   Precision Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com