Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LBAT54DW1T1G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LBAT54DW1T1G
Description  SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LBAT54DW1T1G Datasheet(HTML) 1 Page - Leshan Radio Company

  LBAT54DW1T1G_15 Datasheet HTML 1Page - Leshan Radio Company LBAT54DW1T1G_15 Datasheet HTML 2Page - Leshan Radio Company LBAT54DW1T1G_15 Datasheet HTML 3Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MAXIMUM RATINGS (TJ = 125°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25°C
Derate above 25
°C
PD
225
2.0
mW
mW/
°C
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10 µA)
V(BR)R
30
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
10
pF
Reverse Leakage (VR = 25 V)
IR
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
0.29
0.32
Vdc
Forward Voltage (IF = 10 mAdc)
VF
0.35
0.40
Vdc
Forward Current (DC)
IF
200
mAdc
Repetitive Peak Forward Current
IFRM
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
600
mAdc
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
3000/Tape&Reel
10000/Tape&Reel
LESHAN RADIO COMPANY, LTD.
We declare that the material of product
compliance with RoHS requirements.
S-LBAT54DW1T1G
1
3
2
SC-88/SOT-363
6
4
5
SURFACE MOUNT SCHOTTKY
BARRIER DIODE ARRAY
Rev.B 1/3
LBAT54DW1T1G
LBAT54DW1T3G
SV3
SV3
LBAT54DW1T1G
S-LBAT54DW1T1G
S-LBAT54DW1T3G
• S - Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.


Similar Part No. - LBAT54DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LBAT54DW1T1G LRC-LBAT54DW1T1G Datasheet
163Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results

Similar Description - LBAT54DW1T1G_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD103ASDM DIODES-SD103ASDM_08 Datasheet
121Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
Rev. 9 - 2 July 2008
SD103ATW DIODES-SD103ATW_08 Datasheet
122Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 9 - 2
logo
Leshan Radio Company
LRB731XNRT1G LRC-LRB731XNRT1G Datasheet
253Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
logo
Diodes Incorporated
SD103ATW DIODES-SD103ATW_1 Datasheet
83Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 6 - 2
logo
SeCoS Halbleitertechnol...
BAT54TW SECOS-BAT54TW Datasheet
115Kb / 2P
   Surface Mount Schottky Barrier Diode Array
logo
Diodes Incorporated
BAS70JW DIODES-BAS70JW Datasheet
54Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30188 Rev. E-2
SD103ATW DIODES-SD103ATW Datasheet
55Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30374 Rev. 1 - 2
SD103ASDM DIODES-SD103ASDM Datasheet
50Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30294 Rev. 2 - 2
BAT54JW DIODES-BAT54JW Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
DS30157 Rev. 4 - 2
logo
Leshan Radio Company
LBAT54TW1T1G LRC-LBAT54TW1T1G Datasheet
93Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
LBAT54TW1T1G LRC-LBAT54TW1T1G_15 Datasheet
172Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com